Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 16Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 17Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 18Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 19Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 20Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 21Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 22Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
20
3.7.3
FREQUENCY MONITORING RELATED STATUS AND EVENTS
The measured frequency is compared with two thresholds configured in the the FreqLoTh register and the FreqHiTh regis-
ter.
If the measured frequency goes beyond the range defined by the two thresholds, the FreqLoST bit (b11, EMMState1) and
FreqHiST bit
(b15, EMMState1) will be asserted.
The interrupt status will be updated as well; and if enabled, interrupt signal can be asserted.
3.7.4
ZERO-CROSSING DETECTION
Zero-crossing detector detects the zero-crossing point of the fundamental component of voltage and current for each of the
3 phases. Refer to 6.5 Zero-Crossing Timing.
Zero-crossing signal can be independently configured and output. Refer to the definition of the ZXConfig register.
3.7.5
NEUTRAL LINE OVERCURRENT DETECTION
The neutral line rms current (calculated) INC is checked with the threshold defined in the InWarnTh register. If the N Line
current is greater than the threshold, the INOv0ST bit (b7, EMMState0) is set. IRQ0 is generated if the INOv0IntEN bit (b7,
EMMIntEn0) is set.
3.7.6
PHASE SEQUENCE ERROR DETECTION
The phase sequence is detected in two cases: 3P4W and 3P3W, which is defined by the 3P3W bit (b8, MMode0).
3P4W case:
Correct sequence: Voltage/current zero-crossing sequence: phase-A, phase-B and phase-C.
3P3W case:
Correct sequence: Voltage/current zero-crossing between phase-A and phase-C is greater than 180 degree.
If the above mentioned criteria are violated, it is assumed as a phase sequence error, the URevWnST bit (b9, EMMState0)
or the IRevWnST bit (b9, EMMState0) will be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com