Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 25Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 26Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 27Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 28Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 29Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 30Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 31Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 32Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
29
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
3.9.2
DELAY/PHASE BASED COMPENSATION
The Channel phase compensation delay can be tuned according to the measured frequency and current RMS.
•
Phi0 is the calibrated delay between the V/I channel (in terms of 2.048Mhz clock cycles)
•
PhiF is the delay change per frequency change
•
F0 is the nominal frequency,
•
PhiIrms is the delay change per current change
•
Phi_offset is the offset for segment calibration
•
Log(x)= Log2(x)*16
If (Irms > Irms0)
PhiIrms = PhiIrms0, Irms_ref = Irms0,
Phi_offset=0
If (Irms1<Irms < Irms0)
PhiIrms= PhiIrms1, Irms_ref = Irms0,
Phi_offset=0
If (Irms < Irms1)
PhiIrms = PhiIrms2, Irms_ref = Irms1,
Implementation Note:
The channel_phi could be computed at the 8Khz rate. The computed channel_phi (before applied to the delay chain in the
decimator) shall be averaged and updated every 8192 8Khz-samples (about one update per second). This is to attenuate
the fluctuation generated in the computation when the current is small and avoid frequent updating of the delay, which is
assumed to be a fixed value in the decimator.
Phi_offset
+
256
))
Irms_ref
Irms
(Log(
*
PhiIrms
512
F0)
-
(F
*
PhiF
Phi0
=
i
Channel_Ph
+
+
256
))
Irms0
Irms1
(Log(
*
PhiIrms1
=
Phi_offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com