Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 10Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 11Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 12Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 13Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 14Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 15Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 16Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 17Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
14
3.5.3
ENERGY PULSE OUTPUT
CF1 is fixed to be total active energy output (all-phase-sum). Both forward and reverse energy registers can generate the
CF pulse (change of forward/ reverse direction can generate an interrupt if enabled).
CF2 is reactive energy output (all-phase-sum) by default. It can also be configured to be arithmetic sum apparent energy
output (all-phase-sum).
CF3 is fixed to be active fundamental energy output (all-phase-sum).
CF4 is fixed to be active harmonic energy output (all-phase-sum).
Figure-5 CFx Pulse Output Regulation
For CFx pulse width regulation, refer to Figure-5.
Case1 T>=160ms, Tp=80ms
Case 2 10ms<=T<160ms, Tp=T/2
3.5.4
STARTUP AND NO-LOAD POWER
There are startup power threshold registers (e.g. PStartTh(35H)). Refer to 5.4 Configuration and Calibration Registers. The
power threshold registers are defined for all-phase-sum active, reactive and apparent power. The M90E32AS starts meter-
ing when the corresponding all-phase-sum power is greater than the startup threshold. When the power value is lower than
the startup threshold, energy is not accumulated and it is assumed as in no-load status. Refer to Figure-6.
There are also no-load Current Threshold registers for Active, Reactive and Apparent energy metering participation for
each of the 3 phases. If |P|+|Q| is lower than the corresponding power threshold, that particular phase will not be accumu-
lated. Refer to the PStartTh register and other threshold registers.
There are also no-load status bits (the TPnoload/TQnoload bits (b14~15, Fundamental / Harmonic Energy Register))
defined to reflect the no-load status. The M90E32AS does not output any pulse in no-load status. The power-on state is of
no-load status.
Figure-6 Active Power Startup/Noload Processing
CFx
Tp=80ms
Tp=0.5T
T≥160ms
10ms≤T<160ms
Phase Active
Energy Metering
0
1
0
Total Active
Energy Metering
ABS >
PStartTh?
0
1
0
Total Active Power
0
1
Phase Active
Power from DSP
0
Phase |P| + |Q| >
PPhaseTh?
0
1
Phase Active
Power from DSP
0
Phase |P| + |Q| >
PPhaseTh?
0
1
Phase Active
Power from DSP
0
Phase |P| + |Q| >
PPhaseTh?
C
A
B
Active Power
Startup/Noload handling
NoLoad Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com