Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 72 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
72
6
ELECTRICAL SPECIFICATION
6.1
ELECTRICAL SPECIFICATION
Parameter
Min
Typ
Max
Unit
Test Condition/ Comments
Accuracy
DC Power Supply Rejection Ratio (PSRR)
note1
±
0.1
%
VDD=3.3V±0.3V, I=5A, V=220V, CT 1000:1,
sampling resistor 4.8
Ω
AC Power Supply Rejection Ratio (PSRR)
note1
±
0.1
%
VDD=3.3V superimposes 400mVrms, I=5A,
V=220V, CT 1000:1, sampling resistor 4.8
Ω
Active Energy Error (Dynamic Range 6000:1)
±
0.1
%
CT 1000:1, sampling resistor 4.8
Ω
ADC Channel
Channel Differential Input
note1
120
μ
720m
Vrms PGA=1
Voltage Channel Input Impedance
120
K
Ω
PGA=1
Current Channel Input Impedance
120
80
50
K
Ω
PGA=1
PGA=2
PGA=4
Channel Sampling Frequency
8
kHz
Channel Sampling Bandwidth
2
kHz
Temperature Sensor and Reference
Temperature Sensor Accuracy
1°C
Reference voltage
1.2
V
3.3 V, 25 °C
Reference voltage temperature coefficient
note1
6
15
ppm/
°C
From -40 to 85 °C
Current detectors
Current Detector threshold range
1.5
4
mVrms 3.3 V, 25 °C
Current Detector threshold setting step/ resolu-
tion
0.05
mVrms 3.3 V, 25 °C
Current Detector detection time (single-side)
32
ms
Current Detector detection time (double-side)
17
ms
Crystal Oscillator
Oscillator Frequency (
fsys_clk)
16.384
MHz
The Accuracy of crystal or external clock is
±20 ppm, 10pF ~ 20pF crystal load capacitor
integrated.
Power Supply
AVDD
2.8
3.3
3.6
V
DVDD
2.8
3.3
3.6
V
VDD18
1.8
V
Operating Currents
Normal mode operating current (I-Normal)
13
mA
3.3 V, 25 °C
Idle mode operating current (I-Idle)
<0.1
1
μA
Detection mode operating current (I-Detection)
200
100
230
115
μA
Double-side detection
Single-side detection
Partial Measurement mode operating current
(I-Measurement)
7mA
3.3 V, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com