Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 35Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 36Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 37Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 38Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 39Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 40Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 41Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 42Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
39
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
5.2
SPECIAL REGISTERS
5.2.1
CONFIGURATION REGISTERS CRC GENERATION
The registers between address ‘0H’ to ‘6FH’ are considered as user configuration registers. CRC-16 with the following
polynomial was used to compute the CRC digest:
The CRC computation rate is every 16 bit word per 125us. The result can be read from the CRC result register.
The device can automatically monitor the CRC changes versus a golden CRC which is latched after the first time the CRC
computation is done. The latching event is triggered by none "0x55AA" value written to the CfgRegAccEn register (which
means configuration done), followed by a new CRC result available event. Once golden CRC is latched, the CRC_CMP
signal is enabled. Subsequent CRC result will be compared with the latched CRC to generate the CRC error status. CRC
error status can be read, and if configured, can goes to WARN or IRQ0 pins to alert the MCU in the case of CRC error.
Figure-19 CRC Checking Diagram
1
+
x
+
x
+
x
=
Polynomial
5
12
16
00H
01H
02H
03H
...
6CH
6DH
6EH
6FH
CRC digest
(computed)
CRC engine
Error
CRC Err
CRC digest
(Golden)
Compare
User Read
AND
CRC_CMP
RegAccEn !=
0x55AA?
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com