Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 44Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 45Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 46Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 47Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 48Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 49Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 50Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 51Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
48
5.3
LOW-POWER MODES REGISTERS
5.3.1
DETECTION MODE REGISTERS
Current Detection register latching scheme is:
When any of the 4 current detection registers (0x10 - 0x13) were programmed, all the 4 current detection registers (includ-
ing the registers that not being programmed) will be automatically latched into the current detector's internal configuration
latches at the same time. Those latched configuration values are not subject to digital reset signals and will be kept in all
the 4 power modes. The power up value of those latches is not deterministic, so user needs to program the current detec-
tion registers to update.
Figure-21 Current Detection Register Latching Scheme
DetectCtrl
Current Detect Control
Address: 10H
Type: Read/Write
Default Value: xxxxH
Bit
Name
Description
15:7
-
Must be written ‘3’.
6
DetCalEn
Detector calibration in Normal mode is enabled if this bit is set. The default written value is ‘0’.
If set, current detectors are enabled and IRQ0/1 are assigned to current detector outputs as if in Detect
mode. The current detector can be calibrated.
5:0
DetectCtrl
Detector power-down, active high:
[5:3]: Power-down for negative detector of channel 3/2/1;
[2:0]: Power-down for positive detector of channel 3/2/1.
The default written value is ‘0’.
0x10
0x11
0x12
0x13
latch
latch
latch
latch
Current detector
register Write
update
registers
Current Detector block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com