Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 12Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 13Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 14Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 15Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 16Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 17Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 18Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 19Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
16
3.6
MEASUREMENT FUNCTION
Measured parameters can be divided to 8 types as follows:
-
Active/ Reactive/ Apparent Power
-
Fundamental/ Harmonic Power
-
RMS for Voltage and Current
-
Power Factor
-
Phase Angle
-
Frequency
-
Temperature
-
Peak Value
Measured parameters are average values that are averaged among 16 phase-voltage cycles (about 320ms at 50Hz)
except for the temperature. The measured parameter update frequency is approximately 3Hz. Refer to Table-17.
3.6.1
ACTIVE/ REACTIVE/ APPARENT POWER
Active/ Reactive/ Apparent Power measurement registers can be divided as below:
-
active, reactive, apparent power
-
all-phase-sum / phase A / phase B / phase C
Altogether there are 12 power registers. Refer to 5.6.1 Power and Power Factor Registers.
Per-phase apparent power is defined as the product of measured Vrms and Irms of that phase.
All-phase-sum power is measured by arithmetically summing the per-phase measured power. The summing of phases can
be configured by the MMode0 register.
3.6.2
FUNDAMENTAL / HARMONIC ACTIVE POWER
Fundamental / harmonic active power measurement registers can be divided as below:
-
fundamental and harmonic power
-
all-phase-sum / phase A / phase B / phase C
Altogether there are 8 power registers. Refer to 5.6.2 Fundamental/ Harmonic Power and Voltage/ Current RMS Registers.
3.6.3
MEAN POWER FACTOR (PF)
Power Factor is defined for those cases: all-phase-sum / phase A / phase B / phase C.
Altogether there are 4 power factor registers. Refer to 5.6.1 Power and Power Factor Registers.
For all-phase:
For each of the phase::
3.6.4
VOLTAGE / CURRENT RMS
Voltage/current RMS registers can be divided as follows:
Per-phase: Phase A / Phase B / Phase C
Voltage / Current
Neutral Line Current RMS:
Neutral line current can be calculated by instantaneous value
.
Altogether there are 7 RMS registers.
Refer to 5.6.2 Fundamental/ Harmonic Power and Voltage/ Current RMS Registers.
ower
apparent_p
sum
All_phase_
er
active_pow
sum
All_phase_
=
PF_all
ower
apparent_p
er
active_pow
=
PF_phase
C
B
A
N
i
i
i
i
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com