Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 65Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 66Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 67Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 68Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 69Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 70Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 71Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 72Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
69
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
5.6
MEASUREMENT REGISTERS
5.6.1
POWER AND POWER FACTOR REGISTERS
Table-13 Power and Power Factor Register
Register
Address
Register Name
Read/Write
Type
Functional Description
Comment
B0H
PmeanT
R
Total (All-phase-sum) Active Power
Complement,
Power=32-bit register value* 0.00032 W
B1H
PmeanA
R
Phase A Active Power
B2H
PmeanB
R
Phase B Active Power
B3H
PmeanC
R
Phase C Active Power
B4H
QmeanT
R
Total (All-phase-sum) Reactive Power
Complement,
Power=32-bit register value* 0.00032
var
B5H
QmeanA
R
Phase A Reactive Power
B6H
QmeanB
R
Phase B Reactive Power
B7H
QmeanC
R
Phase C Reactive Power
B8H
SAmeanT
R
Total (Arithmetic Sum) Apparent
Power
Complement,
Power=32-bit register value* 0.00032
VA
B9H
SmeanA
R
Phase A Apparent Power
BAH
SmeanB
R
Phase B Apparent Power
BBH
SmeanC
R
Phase C Apparent Power
BCH
PFmeanT
R
Total Power Factor
Signed with complement format,
X.XXX
LSB is 0.001. Range from -1000 to
+1000
BDH
PFmeanA
R
Phase A Power Factor
BEH
PFmeanB
R
Phase B Power Factor
BFH
PFmeanC
R
Phase C Power Factor
C0H
PmeanTLSB
R
Lower Word of Total (All-phase-sum)
Active Power
Lower word of Active Powers.
C1H
PmeanALSB
R
Lower Word of Phase A Active Power
Lower word of Active Powers.
C2H
PmeanBLSB
R
Lower Word of Phase B Active Power
C3H
PmeanCLSB
R
Lower Word of Phase C Active Power
C4H
QmeanTLSB
R
Lower Word of Total (All-phase-sum)
Reactive Power
Lower word of ReActive Powers.
C5H
QmeanALSB
R
Lower Word of Phase A Reactive
Power
Lower word of ReActive Powers.
C6H
QmeanBLSB
R
Lower Word of Phase B Reactive
Power
C7H
QmeanCLSB
R
Lower Word of Phase C Reactive
Power
C8H
SAmeanTLSB
R
Lower Word of Total (Arithmetic Sum)
Apparent Power
Lower word of Apparent Powers.
C9H
SmeanALSB
R
Lower Word of Phase A Apparent
Power
Lower word of Apparent Powers.
CAH
SmeanBLSB
R
Lower Word of Phase B Apparent
Power
CBH
SmeanCLSB
R
Lower Word of Phase C Apparent
Power
Note: The power regisiters are all of 32-bit. The C0H~CBH registers are the lower words of the B0H~BFH registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com