Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 30Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 31Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 32Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 33Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 34Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 35Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 36Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 37Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
34
Calibration Registers
41H
PoffsetA
R/W
Phase A Active Power offset
Refer to Table-7.
P57
42H
QoffsetA
R/W
Phase A Reactive Power offset
P58
43H
PoffsetB
R/W
Phase B Active Power offset
44H
QoffsetB
R/W
Phase B Reactive Power offset
45H
PoffsetC
R/W
Phase C Active Power offset
46H
QoffsetC
R/W
Phase C Reactive Power offset
47H
PQGainA
R/W
Phase A Calibration Gain
P58
48H
PhiA
R/W
Phase A Calibration Phase Angle
P58
49H
PQGainB
R/W
Phase B Calibration Gain
4AH
PhiB
R/W
Phase B Calibration Phase Angle
4BH
PQGainC
R/W
Phase C Calibration Gain
4CH
PhiC
R/W
Phase C Calibration Phase Angle
Fundamental/ Harmonic Energy Calibration Registers
51H
PoffsetAF
R/W
Phase A Fundamental Active Power offset
Refer to Table-8.
52H
PoffsetBF
R/W
Phase B Fundamental Active Power offset
53H
PoffsetCF
R/W
Phase C Fundamental Active Power offset
54H
PGainAF
R/W
Phase A Fundamental Calibration Gain
55H
PGainBF
R/W
Phase B Fundamental Calibration Gain
56H
PGainCF
R/W
Phase C Fundamental Calibration Gain
Measurement Calibration Registers
61H
UgainA
R/W
Phase A Voltage RMS Gain
Refer to Table-9.
62H
IgainA
R/W
Phase A Current RMS Gain
63H
UoffsetA
R/W
Phase A Voltage RMS offset
64H
IoffsetA
R/W
Phase A Current RMS offset
65H
UgainB
R/W
Phase B Voltage RMS Gain
66H
IgainB
R/W
Phase B Current RMS Gain
67H
UoffsetB
R/W
Phase B Voltage RMS offset
68H
IoffsetB
R/W
Phase B Current RMS offset
69H
UgainC
R/W
Phase C Voltage RMS Gain
6AH
IgainC
R/W
Phase C Current RMS Gain
6BH
UoffsetC
R/W
Phase C Voltage RMS offset
6CH
IoffsetC
R/W
Phase C Current RMS offset
Table-5 Register List (Continued)
Register
Address
Register Name
Read/
Write
Type
Functional Description
Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com