Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM90E32AS-AU-R Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 73Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 74Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 75Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 76Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 77Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 78Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 79Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 80Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
77
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
6.4
POWER ON RESET TIMING
In most case, the power of M90E32AS and MCU are both derived from 220V power lines. To make sure M90E32AS is
reset and can work properly, MCU must force M90E32AS into idle mode firstly and then into normal mode. In this opera-
tion, RESET is held to high in idle mode and de-asserted by delay T1 after idle-normal transition. Refer to Figure-23.
Figure-23 Power On Reset Timing (M90E32AS and MCU are Powered on Simultaneously)
Figure-24 Power On Reset Timing in Normal & Partial Measurement Mode
Table-19 Power On Reset Specification
Symbol
Description
Min
Typ
Max
Unit
VH
Power On Trigger Voltage
2.5
2.7
V
T0
Duration forced in idle mode after power
on
1
ms
T1
Delay time after power on or exit idle
mode
5
16
40
ms
PM[1:0]
Idle Mode
Normal Mode
DVDD
MCU startup
Internal
POR
T1
T0
DVDD
Internal POR
T1
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com