Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 35 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 35 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
35
Table 9. Programming
VARIABLE
DESCRIPTION
cic_interp_decim(4:0)
The CIC interpolation is Ncic = cic_interp_decim + 1. This ratio applies to both A and B
channels of the DUC block in CDMA mode. Legal values for cic_interp_decim are 3 to 31.
cic_scale_a(4:0)
The shift value for the A channel. A value of 0 is no shift, each increment in value increases
the amplitude of the shifter output by a factor of 2.
cic_scale_b(4:0)
The shift value for the B channel. A value of 0 is no shift, each increment in value increases
the amplitude of the shifter output by a factor of 2.
cic_m2_ena_a(5:0)
Sets the differential delay value M for each of the CIC subtractor stages for the A channel.
Cic_m2_en_a(0) controls m1, cic_m2_en_a(5) controls the m5. A set bit programs the
differential delay M to 2, if cleared M is programmed to 1.
cic_m2_ena_b(5:0)
Sets the differential delay value M for each of the CIC subtractor stages for the B channel.
ssel_cic(2:0)
Sync source
cic_auto_flush_dis(3:0)
When set disables the CIC auto−flush. Bits {0, 1, 2, 3} correspond to CICs for {CDMA−A I
data, CDMA−A Q data, CDMA−B I data, CDMA−B Q data} sections.
cic_auto_flush_test(3:0)
On rising forces a CIC overflow error. Program to 0 then to 1 for edge to occur. Bits {0, 1, 2,
3} correspond to CICs for {CDMA−A I data, CDMA−A Q data, CDMA−B I data, CDMA−B Q
data} sections.
cic_auto_flush_clear(3:0)
On rising clears a CIC overflow condition. Program to 0 then to 1 for edge to occur. Bits {0,
1, 2, 3} correspond to CICs for {CDMA−A I data, CDMA−A Q data, CDMA−B I data,
CDMA−B Q data} sections.
3.1.6 Transmit Adjustable Channel Delay
Figure 29. Transmit Delay Adjustment
The transmit channel delay adjust function permits the user to add a programmable time delay in each of the
upconverter paths. This is used to calibrate multiple transmit channels in the overall base transceiver system. The
adjustable delay compensates for analog elements external to the digital upconversion such as cables, splitters,
analog upconverters, filters, etc., and to compensate for differential delay between channels within the GC5316.
There is an additional delay of two output sample times for each pair of DUC blocks to allow for pipelining of the
sumchain (specifically, DUC0 and 1 have the same delay, DUCs 2 and 3 are the same but are two output sample
times larger than DUC0 and 1, etc.).
There are two elements that need to be considered with respect to programming the delay: the decimation and delay
memory blocks.
The decimation function reduces the sample rate from txclk to the desired output rate. The decimation amount is set
by parameter (tadj_interp_decim+1). Phasing of the decimation operation permits finer delay resolution. The 3-bit delay
offset parameter permits finer delay resolution in steps of the reciprocal of the GC5316’s tx clock rate. At 122.88 MHz,
this would equate to a time delay resolution of 8.1 ns (1/32 chip for UMTS, 1/100 of a chip for CDMA). The offset
may be set from 0 to tadj_interp_decim.
The coarse delay adjustment is done using a delay memory of 64 memory locations by 36 bits (18 for I and 18 for
Q). Read and write pointers in the memory are separated by tadj_offset_coarse. Data written into a location is read
out tadj_offset_coarse output sample times later. 24 locations are needed to equalize the time delay within the
GC5316 for various channels. The remaining 40 locations provide a total delay of up to about 1.3
µs when the DUC
output data rate is 30.72 MSPS.
A sync signal permits the decimation operation to be synchronized over multiple channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com