Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 9 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments GC5316 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
9
Table 6. Bus Selection
SELECT VALUE
DATA TAKEN FROM RX_DISTRIBUTION BUS
I Data
Q Data
0
Bus a
Bus a
1
Bus b
Bus b
2
Bus c
Bus c
3
Bus d
Bus d
4
Bus a
Bus b
5
Bus a
Bus c
6
Bus a
Bus d
7
Bus b
Bus a
8
Bus b
Bus c
9
Bus b
Bus d
10
Bus c
Bus a
11
Bus c
Bus b
12
Bus c
Bus d
13
Bus d
Bus a
14
Bus d
Bus b
15
Bus d
Bus c
The receive mixer translates the input from selector to baseband where subsequent filtering is performed to isolate
the signal of interest. The mixer is a complex multiplier that accepts 18-bit I and 18-bit Q signal data from the receive
input interface and 20-bit sine and cosine sequences from the NCO. The NCO generates a mixing frequency
(sometimes referred to as a local oscillator, or LO) specified by the user so that the desired signal of interest is tuned
to 0 Hz. The NCO is discussed in detail in the next section.
A DDC channel can support one UMTS signal directly, or two CDMA channels at half the input rate. When in CDMA
mode each channel may set the path selection, the mixer tuning and phase independently. The mixer output produces
two complex streams; one representing the signal path for the A-side DDC, the other the B-side. Each of these
streams drives a channel delay and zero pad block.
The maximum input rate for UMTS is rxclk for either real or complex input data. The maximum rx_distribution rate
in CDMA mode (real or complex inputs) is rxclk/2. When adcclk/rxclk >
1/2, this is normally accomplished using the
resampler. For unusual cases where adcclk/rxclk = 1 and the resampler is not used, cdma_mode must be zero so
only one signal can be processed in a DDC block, even if it is a CDMA signal.
The mixer gain is:
Gain
+ 2mixer_gain*2
Table 7. Programming
VARIABLE
DESCRIPTION
ddcmux_sel_a(3:0)
Programs the I and Q complex input data routing onto two of the four input ports for stream A of CDMA DDC
ddcmux_sel_b(3:0)
Programs the I and Q complex input data routing onto two of the four input ports for stream B of CDMA DDC
remix_only
Set to 0 for complex input data, or to 1 for real data
ch_rate_sel(1:0)
Informs the DDC of the rx_distribution bus rate (1, 1/2, 1/4, or 1/8 rxclk for settings 0, 1, 2, or 3 respectively.
Note this parameter must be the same in all enabled DDC blocks.
mixer_gain
When asserted adds 6 dB of gain in the mixer. This gain is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com