Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 18 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 18 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 14Page - Texas Instruments GC5316 Datasheet HTML 15Page - Texas Instruments GC5316 Datasheet HTML 16Page - Texas Instruments GC5316 Datasheet HTML 17Page - Texas Instruments GC5316 Datasheet HTML 18Page - Texas Instruments GC5316 Datasheet HTML 19Page - Texas Instruments GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments GC5316 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
18
2.4
Receive RMS Power Meter
Integrate
55 bits
Clear
Register
Transfer
32
I
Q
18
18
18 Bits
(in increments of 4 samples)
Sync
RMS Power
Interrupt
37
Sync Delay
Counter
7Bits
(in samples)
Counter
8Bits
(in increments of
1024 samples)
pmeter_sync_delay_ddc
pmeter_integration_ddc
Top
32
16
Power Measurement Time Line
Time
8
8
Sync
Event
Sync Delay
Integration
Start
Integration Time
Integration
Start
Integration Time
Integration Time
Interval
Integration
Start
Interval
Integration Time Counter
pmeter_interval_ddc
Interval
Interrupt
Interrupt
Interrupt
Figure 15. Receive Power Meter and Timing
Each DDC channel includes an RMS power meter which is used to measure the total power within the channel
passband.
The power meter samples the I and Q data stream after the PFIR filter. Both 18-bit I and Q data are squared, summed,
and then integrated over a time determined by a programmable counter: pmeter_integration_ddc (16 bits). The
integration time is a 16-bit word which is programmed into the 18-bit counter. Integration time = 4 x
pmeter_integration_ddc + 1 (in units of a sample period or generally chip period/2).
There is a programmable 8-bit interval counter which sets the interval over which power measurements are repeated.
The timer counts in increments of 1024 samples. This allows the user to select intervals from 1 x 1024 samples up
to 256 x 1024 samples. The interval time = 1024 x pmeter_interval_ddc. The interval time must be greater than (not
equal to) the integration time.
The power measurement process starts with a sync event (ssel_pmeter). The integration starts at sync event + 3
chips + sync_delay. The 7-bit delay register permits delays from 3 to 130 samples after sync. The integration
continues until the integration count is met. At that point the top 32 bits of the 55-bit accumulator is transferred to
the read register and an interrupt is generated indicating the power value is ready to read. The interval counter
continues until the programmed interval count is reached. When reached, the integration counter and the interval
counter start over again. Each time the integration count is reached the upper 32 bits are again transferred to the
read register overwriting the previous value and sending an interrupt signifying the data is ready to be read. Failure
to read the data timely results in overwriting the previous interval measurement.
Sync ssel_pmeter starts the process. Whenever a sync is received, all the counters are reset to zero no matter what
the status.
For UMTS, I and Q are calculated and the integrated power is read. When in CDMA mode the power is calculated
for both the A and B signals, producing two 32-bit results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com