Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 69 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 69 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 65Page - Texas Instruments GC5316 Datasheet HTML 66Page - Texas Instruments GC5316 Datasheet HTML 67Page - Texas Instruments GC5316 Datasheet HTML 68Page - Texas Instruments GC5316 Datasheet HTML 69Page - Texas Instruments GC5316 Datasheet HTML 70Page - Texas Instruments GC5316 Datasheet HTML 71Page - Texas Instruments GC5316 Datasheet HTML 72Page - Texas Instruments GC5316 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
69
6.5
Factory Test and No Connect Signals
SIGNAL NAME
BALL DESIG
TYPE
NOTE
testmode0
R26
input
Do not connect
testmode1
P24
input
Do not connect
scanen
P25
input
Do not connect
aflag_tst
E24
output
Do not connect
sync_tst
D25
output
Do not connect
clk_tst
C26
output
Do not connect
fa002_scan
T26
input
Do not connect
fa002_clk
R23
input
Do not connect
fa002_out
T25
output
Do not connect
zero
N25
input
Do not connect
F26, G24, G25, H23, L23
input
Tie each pin high through 100-
Ω resistors to VPAD
K25, M23, L25, N24, R25,
D26, E25, E26, F24, F25, G23, J26
no connect
Do not connect
6.6
Power and Ground Signals
SIGNAL NAME
BALL DESIG
DESCRIPTION
GND
A1, A2, A13, A14, A25, A26, B1, B3, B24, B26, C2, C25, N1, N26, P1, P26, AD2, AD25, AE1, AE24,
AE3, AE26, AF1, AF2, AF13, AF14, AF25, AF26, L11, L12, L13, L14, L15, L16, M11−M16, N11−N16,
P11−P16, R11−R16, T11−T16
Ground
VCORE
B2, D4, N4, AC4, AE2, B25, D23, P23, AC23, AE25, C3, J4, V4, AD3, C24, J23, V23, AD24
Core power
VPAD
D6, D12, D18, AC6, AC12, AC18, D9, D15, D21, AC9, AC15, AC21
I/O power
6.7
Power Monitoring
SIGNAL NAME
BALL DESIG
DESCRIPTION
vcoremon
N24
These pins monitor the internal power distribution. They cannot carry significant current and should not
be connected to normal power and ground. It is recommended that this pin be brought to a small probe
point for future monitoring/debugging purposes.
gndmon
R25
It is recommended that this pin be brought to a probe point for future monitoring/debugging purposes.
6.8
JTAG
The JTAG standard for boundary scan testing is implemented for board testing purposes. Internal scan test is not
be supported. Five device pins are dedicated for JTAG support: tdi, tdo, tms, tck, and trst_n. The BSDL file is available
on the web.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com