Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 2 Page - Texas Instruments

  GC5316 Datasheet HTML 1Page - Texas Instruments GC5316 Datasheet HTML 2Page - Texas Instruments GC5316 Datasheet HTML 3Page - Texas Instruments GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
2
1.1
Functional Block Diagram
2
1
16
6
Control & Sync
4
4
JTAG
16
16
16
16
2
1
rxin_a
rxin_b
rxin_c
rxin_d
adcclk
d0−d15
a0−a5
rd_n
wr_n
ce_n
rxclk
txclk
rx_sync a−d
tx_sync a−d
reset_n
sync
control
sync
control
rx_sync_out
tx_sync_out
interrupt
sync
sync
DDCs 2−9
DUCs 2−9
sync
sync
I&Q
I&Q
Transmit Output
Interface
DDC0
2CDMA2000−1X
or 1 UMTS
DDC1
2CDMA2000−1X
or 1 UMTS
DDC10
2CDMA2000−1X
or 1 UMTS
DDC11
2CDMA2000−1X
or 1 UMTS
DUC11
2CDMA2000−1X
or 1 UMTS
DUC10
2CDMA2000−1X
or 1 UMTS
DUC1
2CDMA2000−1X
or 1 UMTS
DUC0
2CDMA2000−1X
or 1 UMTS
tdo
tck
trst_n
tdi
tms
Transmit Output Data
(to D/As)
1.2
Package/Ordering Information
PRODUCT
PACKAGE LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA,
QUANTITY
GC5316
Thermally Enhanced
Plastic BGA w/Heat
Slug − 388
ZED
−40
°C to 85°C
GC5316IZED
GC5316IZED
Tray, 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com