Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 5 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 5 Page - Texas Instruments

  GC5316 Datasheet HTML 1Page - Texas Instruments GC5316 Datasheet HTML 2Page - Texas Instruments GC5316 Datasheet HTML 3Page - Texas Instruments GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
5
Next the signal is sent to an 8-stage FIFO. This allows an arbitrary phase relationship between adcclk and rxclk. The
frequency relationship is fixed by the configuration. The FIFO can be bypassed, clocking the input data directly on
rxclk. Note that if the FIFO is bypassed, the hold times are longer than usual. If the input rate is a fraction (1/2,
1/4,
or 1/8) of rxclk then ssel_rxin determines which of the multiple rising clock edges are used to sample the data.
Table 1. Programming
VARIABLE
DESCRIPTION
rduz_sens_ena
When enabled adds noise to the ADC input using nz_pwr_mask.
nz_pwr_mask
Selects the noise bits to be added to the ADC input sample when rduz_sens_ena is one.
adc_fifo_bypass
When asserted bypasses the input FIFO. Data is latched directly using the rxclk input when FIFO is
bypassed. Should set this to 0 when input data is to be latched using the adcclk input. Most applications
should not bypass the fifo.
2.1.2 Resampler Block
Two of the four 16-bit data input ports, rxin_a, and rxin_c have resampler blocks. The data is clocked from an external
clock signal adcclk. The real input signal is downconverted by adcclk/4 and is then low-pass filtered and decimated.
Decimation can be either by 1.5 or by 2. Both these decimation modes support up to 24 CDMA DDC channels, or
12 UMTS DDC channels.
2
Resam p ler D ecim ate by 1.5
3
LPF
24 tap
adcclk
4
adcclk
rxclk
3
4
=
18
18
bus b (or d)
bus a (or c)
I
Q
at rxclk/2
I
Q
16
rxin_a (or c)
at adcclk
rx_distribution
Figure 3. Resampler Decimate by 1.5 Mode
The decimate by 1.5 mode requires the input data rate to be 3/4 of the receive clock rate (adcclk frequency is 3/4
rxclk frequency). A 24-tap low-pass decimation filter with programmable 18-bit coefficients removes alias images that
would fold into the passband prior to decimation. The following table shows the performance of filters designed for
various bandwidths when the resampler is decimating by 1.5. The table also shows the resulting passband
frequencies assuming the input data rate is 92.16 MSPS. Each horizontal row is a unique 24-tap filter which is
available on the web.
Table 2. Resampler Filter Performance in the Decimate by 1.5 Mode
GENERAL APPLICATION
EXAMPLE APPLICATION
adclk: 92.16 MHz
PASSBAND
RIPPLE
STOPBAND
BANDWIDTH
F LOWER
F CENTER
F UPPER
of clk
dB
dB
MHz
MHz
MHz
MHz
0.05
0
−101.5
18.4
13.8
23
32.3
0.06
0
−98
22.1
12
23
34.1
0.07
0
−91.7
25.8
10.1
23
35.9
0.08
0.01
−84.1
29.5
8.3
23
37.8
0.09
0.03
−75.6
33.2
6.5
23
39.6
0.1
0.07
−67.1
36.9
4.6
23
41.5
0.11
0.18
−59.5
40.6
2.8
23
43.3
0.05
0
−101.5
18.4
13.8
23
32.3
0.06
0
−98
22.1
12
23
34.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com