Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 61 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 61 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 57Page - Texas Instruments GC5316 Datasheet HTML 58Page - Texas Instruments GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments GC5316 Datasheet HTML 61Page - Texas Instruments GC5316 Datasheet HTML 62Page - Texas Instruments GC5316 Datasheet HTML 63Page - Texas Instruments GC5316 Datasheet HTML 64Page - Texas Instruments GC5316 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
61
5.1.9 DUC Channel Controls
These controls are used by the DUC channels. These follow the duc <channel_number> keyword in the cmd5316
configuration file.
VARIABLE NAME
TYPE
PAGE
ADDRESS
LSB
POSITION
BIT
WIDTH
DEFAULT
DESCRIPTION
symmetric_pfir
C
0100
00
14
1
0
When asserted the block’s PFIR is
symmetric. DUC only
symmetric_cfir
C
0100
00
13
1
0
When asserted the block’s CFIR is
symmetric. DUC only
pmeter_integration_duc
D
0100
02
0
13
0
This is the number of four sample sets to
accumulate for a power measurement. In
CDMA mode, one sample set is the I and Q of
the signal and diversity. Ia and Qa (signal) are
each squared and accumulated and Ib and
Qb (diversity) are squared and accumulated.
In UMTS mode, each I and Q pair are
squared and accumulated. Four samples are
equal to one integration count. The count is
initiated when the sync is asserted or when
the interval start time is reached. When the
integration count is reached, the accumulated
powers are made available for MPU access
and an interrupt is generated.
pmeter_sync_delay_duc
D
0100
03
9
7
0
The delay from selected sync source to when
the power calculation starts.
pmeter_interval_duc
D
0100
03
0
9
0
The start interval timer is the interval over
which the integration is restarted and must be
greater than the integration count. The interval
start counter and RMS power accumulation is
started at the sync pulse after the
programmed delay and every time the interval
counter reaches its limit. This value is in 64
sample units.
pilot_gain_0
D
0100
04
0
16
0
Pilot channel gain word, aligned with MSB of
the input data. 0xFFFF generates a full scale
complex pilot signal added to the user signal.
Setting the gain to 0x0000 causes no pilot
signal to be added. Only valid for UMTS,
should be set to 0x0000 for CDMA.
pilot_gain_1
D
0100
05
0
16
0
This value MUST be set to the same value as
pilot_gain_0.
pilot_psc_lsb
D
0100
06
0
16
1
The lower 16 bits of the 18-bit pilot X LFSR
initial value. This 18b word is loaded on pilot
sync event. The value loaded here that
corresponds to 3gpp primary scrambling code
(PSC) 0 is 0x00001. Users must calculate the
correct initial value to implement the other 511
PSCs.
pilot_psc_msb
D
0100
07
14
2
0
The upper 2 bits of the 18-bit pilot X LFSR
initial value. This 18b word is loaded on pilot
sync events. The value loaded here that
corresponds to 3gpp primary scrambling code
(PSC) 0 is 0x00001. Users must calculate the
correct initial value to implement the other 511
PSCs.
pilot_diversity
D
0100
07
13
1
0
Select between main and diversity pilot
symbol generation. (0=main, 1=diversity)
pilot_delay
D
0100
08
0
16
0
Unsigned delay value in chips from the pilot
sync event, from 0 to 38399 chips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com