Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 12 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 12 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments GC5316 Datasheet HTML 13Page - Texas Instruments GC5316 Datasheet HTML 14Page - Texas Instruments GC5316 Datasheet HTML 15Page - Texas Instruments GC5316 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
12
Each of the 24 CDMA DDC blocks can be loaded with unique phase offset words.
Various synchronization signals are available which are used to synchronize the NCOs of all channels with respect
to each other. Frequency sync (ssel_freq) and phase offset sync (ssel_phase) determine when frequency and phase
offset changes occur. For example, generating a frequency sync after programming the two frequency words causes
the NCO (or multiple NCOs) to change frequency at that time, rather than after each of the two frequency words are
programmed over the control bus. Note that the frequency and phase words are not loaded into the working register
until their respective sync’s are received. The zero phase sync signal (ssel_nco) is used to force the sine and cosine
oscillators to their zero phase state. Note that this is an instantaneous phase jump, so the ssel_nco should only be
issued when resetting a channel. Dither sync (ssel_dither) can be used to synchronize the dither generators of
multiple NCOs. This is normally only required for applications that are performing bit match testing. The NCOs used
in the transmit section are identical to what is described for the receive section. Note that there is one set of sync’s
provided for each DDC. When one DDC is used to process two CDMA signal the sync’s are shared between them.
Table 11. Programming
VARIABLE
DESCRIPTION
ssel_nco(2:0)
Sync source for NCO accumulator reset
ssel_dither(2:0)
Sync source for NCO dither reset
ssel_freq(2:0)
Sync source for NCO frequency register loading
ssel_phase(2:0)
Sync source for NCO phase register loading
2.3.3 Receive Filtering and Decimation
The purpose of the receive filter chain is to isolate the signal of interest (and reject all other others) that has been
previously translated to baseband via the mixer and NCO. The overall decimation through the chain also needs to
be considered. The goal, generally, is to output the isolated signal at a rate that is twice (2X) the signal’s chip rate.
For UMTS, this would be 7.68 MSPS. For CDMA the output rate should be 2.4576 MSPS.
Receive filtering and decimation is performed in several stages:
D Zero padding to interpolate the input sample rate if needed up to the rxclk rate
D High rate decimation (4 to 32) using a six stage cascade-integrate comb filter (CIC)
D Decimate by two compensation filtering using the programmable compensating FIR filter (CFIR)
D Decimate by one pulse-shape filtering via the programmable FIR filter (PFIR)
CF IR F ilter
D ecby2
De la y
Adjust
PFI R Filter
Decby1
Six Stage
CIC Filter
Dec 4 −32
Zero Pad
From
Mixer
Figure 11. DDC Filter Chain
The following table contains some examples listing the decimation and sample rates at the output of each block for
UMTS and CDMA standards at input sample rates of 61.44 MSPS and 15.36 MSPS, assuming the GC5316 is
clocked at 122.88 MHz.
Table 12. Example UMTS and CDMA2000 DDC Receive Modes
INPUT
SAMPLE
RATE
(MSPS)
ZEROS
ADDED
ZERO PAD
OUTPUT
RATE
(MSPS)
CIC
DECIMATION
CIC
OUTPUT
RATE
(MSPS)
CFIR
DECIMATION
CFIR
OUTPUT
RATE
(MSPS)
PFIR
DECIMATION
PFIR
OUTPUT
RATE
(MSPS)
UMTS
61.44
1
122.88
8
15.36
2
7.68
1
7.68
UMTS
15.36
7
122.88
8
15.36
2
7.68
1
7.68
CDMA
61.44
1
122.88
25
4.9152
2
2.4576
1
2.4576
CDMA
15.36
7
122.88
25
4.9152
2
2.4576
1
2.4576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com