Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 10 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 10 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments GC5316 Datasheet HTML 10Page - Texas Instruments GC5316 Datasheet HTML 11Page - Texas Instruments GC5316 Datasheet HTML 12Page - Texas Instruments GC5316 Datasheet HTML 13Page - Texas Instruments GC5316 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
10
2.3.2 Receive Number Controlled Oscillator (NCO)
Fre quency Word
32
32
Phase Offset
Dith er
Gen
Dither Sync
32
Frequency Syn c
5
Zero Phase Sync
16
Phase Offset Sync
23
18
Reg
Reg
Sin/ Cos
Table
20
Cos
Sin
Clr
Reg
20
Figure 8. Receive Number Controlled Oscillator
The NCO is a digital complex oscillator that is used to translate (or downconvert) an input signal of interest to
baseband. The block produces programmable complex digital sinusoids by accumulating a frequency word which
is programmed by the user. The output of the accumulator is a phase argument that indexes into a Sin/Cos ROM
table which produces the complex sinusoid. A phase offset can be added prior to indexing if desired for channel
calibration purposes. This changes the Sin/Cos phase with respect to other channels’ NCOs.
A 5-bit dither generator is provided and generates a small level of digital pseudo-noise that is added to the phase
argument below the bottom bit and is useful for reducing NCO spurious outputs.
Table 8. Programming
VARIABLE
DESCRIPTION
dither_ena(2)
When set turns dither on. Clearing turns dither off.
test_bits_1(1:0)
Test bits. MUST be cleared for normal operation.
The NCO spurious levels are better than –115 dBC. Added phase dither randomizes the periodic nature of the phase
accumulation process and reduces low-level spurious energy. For some frequencies (K
×Fs/24), dither is ineffective
– in these cases an initial phase of four reduces NCO spurs. Figure 9 and Figure 10 show the spur level performance
of the NCO without dither, with dither, and with a phase offset value.
a) Worst Case Spectrum Without Dither
b) Spectrum With Dither
(Tuned to Same Frequency)
Figure 9. Example NCO Spurs With and Without Dither



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com