Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 19 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 19 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 15Page - Texas Instruments GC5316 Datasheet HTML 16Page - Texas Instruments GC5316 Datasheet HTML 17Page - Texas Instruments GC5316 Datasheet HTML 18Page - Texas Instruments GC5316 Datasheet HTML 19Page - Texas Instruments GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments GC5316 Datasheet HTML 22Page - Texas Instruments GC5316 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
19
For CDMA mode, the integration time is slightly longer. The power read in CDMA mode with a dc input is:
A power: [ I2(X x 4 + 1) + Q2(X x 4 + 0) ]2−23 Note that one Q sample is missing from the integration.
B power: [ I2(X x 4 + 1) + Q2(X x 4 + 1) ]2−23
Where X is the integration count.
Table 17. Programming
FIELD
DESCRIPTION
pmeter_result_a_lsb(15:0)
Lower 16 bits of the A DDC channel power measurement result.
pmeter_result_a_msb (31:16)
Upper 16 bits of the A DDC channel power measurement result.
pmeter_result_b_lsb (15:0)
Lower 16 bits of the B DDC channel power measurement result. Only available for CDMA.
pmeter_result_b_msb (31:16)
Upper 16 bits of the B DDC channel power measurement result. Only available for CDMA.
pmeter_integration_ddc(15:0)
Integration time = 4(1+pmeter_count_ddc).
pmeter_sync_delay_ddc(7:0)
Start delay from sync = 3 + pmeter_sync_delay_ddc.
pmeter_interval_ddc(7:0)
Interval time = 1024(pmeter_interval_ddc+1). Interval time must be greater than (not equal) integration time.
ssel_pmeter(2:0)
Sync source options
pmeter_sync_disable
Turns off the sync to the channel power meter. This can be used to individually turn off syncs to a channels
power meter, while still having syncs to other power meters on the chip.
2.5
Receive Gain and AGC
The receive AGC can be used as a simple gain or as a flexible AGC.
2.5.1 Receive Simple Gain
The receive AGC can be used as simple gain by freezing the AGC accumulator at its current level, then clearing the
current value. This is done by setting the agc_clear and agc_freeze bits. The output can be rounded from 3 to 18 bits
using agc_rnd or the full 25 bits can be output by setting agc_rnd_disable.
2.5.2 Receive AGC
8
2
Shift Select
2
25
19
18
19
19
24
24
Delay
Delay
Freeze
Valid
Under Limit
Over Limit
Accumulate
Limit
Under/Over
Detect
Magnitude
Compare
18
Valid
Clear
Shift
Threshold
8
Ucnt
8
Ocnt
8
Dblw
4
Dabv
4
Dzro
4
Dsat
4
Ucnt
16
Ocnt
16
7 integer & 12 F ractional
7integer &
12 F ractional
Valid
Gain
7integer &
12 Fractional
18 data +
7overflow
4
Round
Round
A(t) = gain adjust
4
Zero Mask
Input
Output
5
S= +−1, D= 4bit shift
(up to 25bitsin AGC bypass mode)
Figure 16. AGC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com