Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 23 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 23 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 19Page - Texas Instruments GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments GC5316 Datasheet HTML 22Page - Texas Instruments GC5316 Datasheet HTML 23Page - Texas Instruments GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
23
2.6
Receive Output Interface
Clkdiv
Sync
4
Frame
Delay
2
Idata CD MA A
Serial
2CD MA
I msb
I msb−1
Qmsb
Qmsb−1
1UM TS
Shared between two DDC blocks,
Imsb
Imsb−1
Imsb−2
Imsb−3
Qmsb
Qmsb−1
Qmsb−2
Qmsb−3
From adjacent
DDC block
UMT S
rxout_X_a
rxout_X_b
rxout_X_c
rxout_X_d
where X= 0 to 11
Qdata CD MA A
Idata CD MA B
Qdata C DM A B
DD C Block
2 CD MA2000
or 1 U MT S C hannel
8-Pin Mode
i.e., 2k and 2k + 1, k = 0 to 5
Frame Strobe
Figure 18. Receive Output Interface
Each DDC block has four serial output data pins. These pins are used to transfer downconverted I/Q baseband data
out of the GC5316 for subsequent processing. The usage of these pins changes depending on how the DDC block
is configured.
When the block is configured for two CDMA channels, a pair of serial data pins provides separate I and Q data output
for the two DDC channels. Word size is selectable from 4 to 25 bits with the most significant bit first. Note, carefully
the signal to pin assignment, for example that Ia is assigned to rxout_X_a and Qa is assigned to rxout_X_c.
When the DDC block is configured for a single UMTS channel, even and odd I and Q data drive the four serial pins
separately, most significant bit first.
Four serial pins each for I and Q data can be optionally employed (instead of two for I and two for Q) at half the output
rate. This would most likely be used when two DDC channels (2k and 2k + 1, k= 0 to 5) are combined to support
double−length PFIR filtering (a channel is sacrificed). Formatting for I data is then: Imsb, Imsb−1, Imsb−2, Imsb−3.
Q data formatting is: Qmsb, Qmsb−1, Qmsb−2, Qmsb−3.
Two DDC blocks share a frame strobe output pin. The frame strobe is driven high when the channel outputs another
frame of data. The frame strobe can be programmed to arrive from 0 to 3 bit clocks early via a 2-bit control parameter.
Frame interval can be programmed from 1 to 63 bits. A programmable 4-bit clock divider circuit is can be used to
specify the serial bit rate. The clock divider circuit is synchronized using a sync block discussed later in this document.
Programming the serial port clock divider requires some thought and depends upon the channel’s overall decimation
ratio, frame sync interval, number of output bits, and CDMA−UMTS mode.
In general:
The serial clock divide ratio
× the frame sync interval = the total receive decimation
The relationship between the number of serial bits output, clock divide ratio, and overall decimation ratio is:
CDMA :
[overall decimation
(pser_rec_8pin
) 1)]
(pser_recv_clkdiv
) 1)
u pser_recv_bits ) 1
UMTS : 2
[overall decimation
(pser_rec_8pin
) 1)]
(pser_recv_clkdiv
) 1)
u pser_recv_bits ) 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com