Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 48 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 48 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 44Page - Texas Instruments GC5316 Datasheet HTML 45Page - Texas Instruments GC5316 Datasheet HTML 46Page - Texas Instruments GC5316 Datasheet HTML 47Page - Texas Instruments GC5316 Datasheet HTML 48Page - Texas Instruments GC5316 Datasheet HTML 49Page - Texas Instruments GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
48
Table 4. Receive Common Syncs
SYNC NAME
PURPOSE
ssel_ddc_counter
Initializes the receive sync counter
ssel_ddc
Initializes the receive ADC samples interface and clock gen circuits (including CIC decimation)
ssel_ddc_tadj
Updates the delay adjust register
ssel_ddc_pmeter
Initializes the receive power meter
ssel_ddc_agc
Updates the AGC registers
ssel_ddc_pser
Initializes the receive serial interface
Table 5. Receive Channel Syncs
SYNC NAME
PURPOSE
ssel_ddc_nco
Resets the NCO accumulator
ssel_ddc_freq
Updates the NCO freq registers
ssel_ddc_phase
Updates the NCO phase register
4.5
Initialization
Chip initialization procedures are available from Texas Instruments.
4.6
GC5316 Board Diagnostics
The GC5316 contains built-in test features that can be used to confirm that the chip is operating correctly and to help
users debug their boards and systems that conatin the GC5316.
The diagnositc and board test procedures can be download from the web at www.ti.com as the GC5316 Diagnostics
Designer’s Kit.
5
GC5316 Programming
The cmd5016 program, its user’s guide, and example configuration files can be downloaded from the web at
www.ti.com as the GC5316 Configuration Designer’s Kit.
The GC5316 contains over 7,000 control and coefficient registers that must be written to in order to fully configure
the chip. Rather than program each of these registers individually, Texas Instruments supplies a configuration
program called cmd5316 which accepts top-level configuration information for the chip and then generates the full
register map and control writes required to program the chip.
The configuration controls have been defined in the functional description of each section of the chip. The following
tables summarize these controls and identify which register and which bits within the registers they occupy.
Each control register table has a column identifying whether the variable must be specified by the user in cmd5316
(U), is typically left at the default value and does not need to be specified (D), is computed by cmd5316 and should
not be set (C), or is for expert use only (E).
Tables are also included that show the top level page mapping for the chip controls, the status and measurement
result registers, and additional controls that are used with the GC101/GC5316 DIMM evaluation platform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com