Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 17 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 17 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 13Page - Texas Instruments GC5316 Datasheet HTML 14Page - Texas Instruments GC5316 Datasheet HTML 15Page - Texas Instruments GC5316 Datasheet HTML 16Page - Texas Instruments GC5316 Datasheet HTML 17Page - Texas Instruments GC5316 Datasheet HTML 18Page - Texas Instruments GC5316 Datasheet HTML 19Page - Texas Instruments GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
17
C0
CN/2 −1
C N−1
CN/2
PF IR
PF I R
From CF IR
First Half Coefficients
Second Half Coefficients
Tap Delay
Tap Delay
DDC 2K
DDC 2K+1
Figure 14. Double Tap Mode Interconnect
When in double-tap mode, the first half of the coefficients should be loaded into the even DDC, the remaining
coefficients go into the odd DDC. The even DDC must be turned on (ddc_duc_ena 1), and the odd DDC must be
turned off (ddc_duc_ena 0).
For strapped UMTS with double length filters, the range of taps available is 56 to 128 in increments of eight.
PFIR coefficients and gain shift values are shared between both A and B CDMA channels in a DDC block. The
number of maximum taps available for double length UMTS mode is:
Double Length UMTS Mode: 8 x (rxclk
÷ output sample rate)
Table 16. Programming
VARIABLE
DESCRIPTION
crastsrttap_pfir(3:0)
Number of DDC PFIR filter taps is 4(crastartap+1)
For double-length PFIR the number of taps is 8(crastartap+1)
pfir_gain(2:0)
Sets the gain of the PFIR filter.
double_tap
When set, puts two adjacent DDC (2k and 2k+1, k = 0 to 5) in 127 tap UMTS mode.
Set to 0 for normal mode.
Set to 2 for the main (even) DDC
Set to 1 for the secondary (odd) DDC.
When in double tap mode, the first half of the coefficients should be loaded into the even DDC, the
remaining coefficients go into the odd DDC.
ALSO: In double tap mode, the even DDC must be turned on (ddc_duc_ena 1), and the odd DDC
must be turned off (ddc_duc_ena 0).
The PFIR filter’s 18-one integer coefficient per line. Note that the PFIR filter coefficients are shared
by the A and B channels in CDMA mode.
Note: that the above PFIR filter coefficients are shared between both A and B sides of a DDC block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com