Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 22 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 22 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 18Page - Texas Instruments GC5316 Datasheet HTML 19Page - Texas Instruments GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments GC5316 Datasheet HTML 22Page - Texas Instruments GC5316 Datasheet HTML 23Page - Texas Instruments GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
22
Table 19. Programming
VARIABLE
DESCRIPTION
agc_dbelow(3:0)
Sets the value of gain step size Dblw (data
× current gain below threshold). Dblw = 3 + agc_dbelow.
agc_dbelow ranges from 0 to 15.
agc_dabove(3:0)
Sets the value of gain step size Dabv (data
× current gain above threshold). Dabv = 3 + agc_ dabove. agc_ dabove
ranges from 0 to 15.
agc_dzero(3:0)
Sets the value of gain step size Dzro (data
× current gain consistently zero). Dzro = 3 + agc_ dzero. agc_ dzero
ranges from 0 to 15.
agc_dsat(3:0)
Sets the value of gain step size Dsat (data
× current gain consistently saturated). Dsat = 3 + agc_ dsat. agc_ dsat
ranges from 0 to 15.
agc_zero_msk(3:0)
Masks the lower 4 bits of signal data so as to be considered zeros.
agc_thres(7:0)
AGC threshold. Compared with magnitude of 8 bits of input
× gain.
agc_gaina_lsb(15:0)
Lower 16 bits of 19-bit gain word for DDC A. Requires a sync (ssel_gain) to load.
agc_gaina_msb(18:16)
Upper 3 bits of 19-bit gain word for DDC A. Requires a sync (ssel_gain) to load.
agc_gainb_lsb(15:0)
Lower 16 bits of 19-bit gain word for DDC B (in CDMA mode). Requires a sync (ssel_gain) to load.
agc_gainb_msb(18:16)
Upper 3 bits of 19-bit gain word for DDC B (in CDMA mode). Requires a sync (ssel_gain) to load.
ssel_gain(2:0)
Sync to update agc_gain settings. Note that both A and B are updated.
agc_zero_cnt
When the AGC output (input
× gain) masked magnitude is zero value this number of times, the shift value is
changed to agc_dzero.
agc_max_cnt
When the AGC output (input
× gain) is zero value this number of times, the shift value is changed to agc_dsat.
agc_md(3:0)
AGC rounding. Number of output bits = 18 – agc_rnd.
agc_rnd_disable
AGC rounding is disabled when this bit is set.
agc_freeze
Freezes the adaptive portion of the gain to current value.
agc_clear
Clears the adaptive portion of the gain.
agc_amax(15:0)
The maximum value that gain can be adjusted up to. Top 7 bits are integer, bottom 9 bits are fractional.
agc_amin(15:0)
The minimum value that gain can be adjusted down to. Top 7 bits are integer, bottom 9 bits are fractional.
gain_mon
When set, combines current AGC gain with I and Q data. The 18-bit output format thus becomes:
I Portion: 8 bits of AGC’d I data − Gain(18:11) − 00
Q Portion: 8 bits of AGC’d Q data − Gain(10:5) − Status(1:0) − 00.
Note: Bit 0 of status, when set, indicates the data is saturated. Bit 1 of status, when set, indicates the data is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com