Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 3 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 3 Page - Texas Instruments

  GC5316 Datasheet HTML 1Page - Texas Instruments GC5316 Datasheet HTML 2Page - Texas Instruments GC5316 Datasheet HTML 3Page - Texas Instruments GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
3
2
GC5316 Receive
16
16
16
16
General purpose
output sync
Frame Sync DDC 10 & 11
Serial Outputs
Receive Syncs
rx_distribution
Frame Sync DDC 0 & 1
DDC0
2CDMA2000−1X
or 1 UMTS
DDC1
2CDMA2000−1X
or 1 UMTS
DDC10
2CDMA2000−1X
or 1 UMTS
DDC11
2CDMA2000−1X
or 1 UMTS
rx_synca
rx_syncb
rx_syncc
rx_syncd
Receive
input sync
rxin_a
rxin_b
rxin_c
rxin_d
addcclk
rxout_0_a
rxout_0_b
rxout_0_c
rxout_0_d
rxout_1_a
rxout_1_b
rxout_1_c
rxout_1_d
rx_sync_out_0
rxout_10_a
rxout_10_b
rxout_10_c
rxout_10_d
rxout_11_a
rxout_11_b
rxout_11_c
rxout_11_d
rx_sync_out_5
rx_sync_out
I CDMA Ch A
I CDMA Ch B
Q CDMA Ch A
Q CDMA Ch B
For CDMA
For UMTS
Imsb UMTS
Imsb−1 UMTS
Qmsb UMTS
Qmsb−1 UMTS
rxclk
(receive chip clock)
DDCs 2 through 9
Figure 1. Receive Section
The receive section of the GC5316 consists of the receive input interface, the rx_distribution bus, and 12 digital
downconverter blocks.
The purpose of the receive input interface is to accept signal data from four input ports (generally from
analog-to-digital converters) and to distribute the data to the DDC blocks. The input interface also has a
user-controlled test generator and noise source, as well as a resampling block. The resampler accepts real inputs
at
3/4rxclk or rxclk rate, mixes down by Fs/4, low-pass filters, and decimates to rxclk/2. This is useful for handling
data at
3/4 rxclk rate (for example, a 92.16-MSPS adcclk rate with a 122.88-MHz rxclk). It is also useful to process
more than 12 CDMA signals when sampling at rxclk rate.
The rx_distribution bus distributes the four channels of signal data to each of the 12 DDC blocks.
Each DDC block selects one of the four channels from the rx_distribution bus and then performs downconversion
tuning, programmable delay, channel filtering with decimation, power measurement, fixed gain adjust, and automatic
gain control. Each DDC block can support one UMTS channel or two CDMA channels. An optional mode permits
stacking two DDC blocks to provide double-length channel filtering. Tuned, filtered, and decimated signal data is
output in bit serial format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com