Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 71 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 71 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 67Page - Texas Instruments GC5316 Datasheet HTML 68Page - Texas Instruments GC5316 Datasheet HTML 69Page - Texas Instruments GC5316 Datasheet HTML 70Page - Texas Instruments GC5316 Datasheet HTML 71Page - Texas Instruments GC5316 Datasheet HTML 72Page - Texas Instruments GC5316 Datasheet HTML 73Page - Texas Instruments GC5316 Datasheet HTML 74Page - Texas Instruments GC5316 Datasheet HTML 75Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
71
7.4
Power Consumption
The maximum power consumption is a function of the operating mode of the chip. The cmd5316 estimates the typical
power supply current for the chip in a specific configuration. The AC Characteristics table provides maximum current
in a maximum configuration used in production test.
Current consumption on the pad supply is primarily due to the external loads and follows C x V x F. Internal loads
are estimated at 2 pF per pin. Data outputs have a transition density of going from a zero to a one, once per four
clocks, while clock outputs transition every cycle. The frame strobes consume negligible power due to the low
transition frequency. In general:
Ipad =
Σ DataPad/4 x C x F x V + Σ ClockPad x C x F x V
A worst case current would be all transmit and receive ports operating at 125 MHz.
Ipad = (1+(4 x 18 + 4 x 2 x 6)/4) x (C + 2pF) x Fout x Vpad = 31 x 22 pF x 125 MHz x 3.3 V = 280 mA.
A more typical application with two ports active would use roughly 150 mA.
7.5
DC Operating Conditions (−40
°C to 85°C case unless otherwise noted)
PARAMETER
VPAD = 3 V to 3.6 V
UNITS
PARAMETER
MIN
TYP
MAX
UNITS
VIL
Voltage input low (4)
0.8
V
VIH
Voltage input high (4)
2
V
VOL
Voltage output low (4) (IOL = 2 mA)
0.5
V
VOH
Voltage output high (4) (IOH = −2 mA)
2.4
VPAD
V
| IPU |
Pullup current (VIN = 0 V) (tdi, tms, trst_n, reset_n) (nominal 20 µA) (4)
5
35
µA
| IPD |
Pulldown current (VIN = VPAD) (all other inputs and bidirs) (nominal 20 µA) (4)
5
35
µA
Leakage (VIN = VPAD) (tdi, tms, trst_n, reset_n) (4)
2
| IIN |
Leakage (VIN = 0) (all other inputs and bidirs) (4)
2
µA
| IIN |
Leakage (VIN = 0 or VPAD) (all outputs) (4)
2
µA
ICCQ
Quiescent supply current, ICORE (4)
8
mA
CIN
Capacitance for inputs (5)
5
pF
CBI
Capacitance for bidirectionals (5)
5
pF
NOTE: Voltages are measured at low speed. Output voltages are measured with the indicated current load.
NOTE: Currents are measured at nominal voltages, high temperature (100°C for production test, 85°C for QA).
(4) Each part is tested at 100°C case temperature for the given specification. Lots are sample tested at −40°C.
(5) Controlled by design and process and not directly tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com