Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 24 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 24 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments GC5316 Datasheet HTML 22Page - Texas Instruments GC5316 Datasheet HTML 23Page - Texas Instruments GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
24
Figure 19 shows the DDC serial output timing.
tsu
th
tpd
rx_sync can be a pulse or level − interface will generat periodic frame strobes using programmed sync interval
1 rxclk + programmable bit time
rxclk
rx_sync
rx_sync_out
rxout
(serial output data)
2 txclk
(programmable)
Note: With half-rate serial output, the MSB comes out 5 rxclks after rx_sync.
With full-rate serial output, the MSB comes out 4 rxclks after rx_sync.
MSB
(pser_recv_fsdel=0
pser_recv__clkdiv = 1)
Figure 19. DDC Serial Output Timing
Table 20. Programming
VARIABLE
DESCRIPTION
pser_recv_fsinvl(6:0)
Frame sync interval in bits
pser_recv_bits(4:0)
Number of data output bits − 1. i.e.: 10001 = 18 bits
pser_recv_clkdiv(3:0)
Receive serial interface clock divider rate − 1.
0= rxclk, 15= rxclk/16
pser_recv_8pin
When set, configures the serial out pins for 4I and 4Q in UMTS mode. When clear, the mode is 2I and
2Q. Used in conjunction with pser_recv_alt.
pser_recv_alt
When set, outputs Q data from adjacent DDC channel.
pser_recv_fsdel(1:0)
Number of bit clocks the frame sync is output early with respect to serial data.
ssel_serial(2:0)
Sync source (1 of 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com