Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 29 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 29 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
29
Table 2. Programming
VARIABLE
DESCRIPTION
serp_tran_bits(4:0)
Number of serial input bits in a word – 1. i.e., 10001 = 18 bits
serp_tran_fsinvl(6:0)
Frame sync interval in bits
serp_tran_fsdel(1:0)
The number of serial bits after frame strobe that the data MSB is expected.
serp_tran_4pin
0= 2 pin input mode. Applies to UMTS mode for separate I and q data bits, as well as CDMA mode where
one pin is for interleaved I/Q data for the CDMA A channel and another pin for interleaved I/Q data for the
CDMA B channel.
1= 4 pin mode. Applies to UMTS mode where the channel has two bits for I data (Imsb and Imsb−1) and two
bits for Q data (Qmsb and Qmsb−1)
serp_tran_clkdiv(3:0)
Serial input data bit clock divider factor − 1
ssel_serial(2:0)
Sync source
The parameters are set for a pair of DUC blocks; i.e., for 2k and 2k+1 DUCs, where k= 0 to 5.
3.1.2 Transmit Gain
Figure 24. Transmit Gain Block
The transmit gain block is a multiplier that increases or decreases the level of the input data. The unsigned 16-bit
gain word is interpreted with the binary point three bits down from the MSB. It multiplies the input data by (gain
word/8192). The maximum gain is therefore 65535/8192. There are different gain registers for the A and B signals
in CDMA mode.
A transfer register in combination with a sync (ssel_gain) is used to synchronize gain changes across multiple
channels.
Table 3. Programming
VARIABLE
DESCRIPTION
gainfora(15:0)
Gain for the A-side DUC. Interpreted as gainfora/8192 and is unsigned.
gainforb(15:0)
Gain for the B-side DUC. Interpreted as gainforb/8192 and is unsigned.
ssel_gain(2:0)
Sync source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com