Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 44 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 44 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments GC5316 Datasheet HTML 42Page - Texas Instruments GC5316 Datasheet HTML 43Page - Texas Instruments GC5316 Datasheet HTML 44Page - Texas Instruments GC5316 Datasheet HTML 45Page - Texas Instruments GC5316 Datasheet HTML 46Page - Texas Instruments GC5316 Datasheet HTML 47Page - Texas Instruments GC5316 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
44
Table 18. Programming
VARIABLE
DESCRIPTION
comp_pmeterX_result_lsb(15:0)
Lower 16 bits of the composite power measurement for sum chain X. X= 0, 1, 2, or 3
comp_pmeterX_result_msb(31:16)
Upper 16 bits of the composite power measurement for sum chain X. X= 0, 1, 2, or 3
comp_pmeterX_integration_lsb(15:0)
Lower 16 bits of the 21-bit integration period. X = 0, 1, 2, or 3
comp_pmeterX_integration_msb(20:16)
Upper 5 bits of the 21-bit integration period. X = 0, 1, 2, or 3
comp_pmeterX_sync_delay(8:0)
Power meter delay sync period. X = 0, 1, 2, or 3
comp_pmeterX_interval_lsb(15:0)
Lower 16 bits of the 21-bit measurement interval. X = 0, 1, 2, or 3
comp_pmeterX_interval_msb(20:16)
Upper 5 bits of the 21-bit measurement interval. The Interval time must be greater than
the integration time for each of the four composite power meters. X = 0, 1, 2, or 3
ssel_comp_pmeter_X(2:0)
Sync source. X = 0, 1, 2, or 3
3.3
GC5316 Transmit Output Interface
txclk_out
Format
2
18
18
18
txout_a
txout_b
txout_c
txout_d
I
Q
Sum Chain 0
I
Q
Sum Chain 1
I
Q
Sum Chain 2
I
Q
Sum Chain 3
tx_i_flag
Figure 38. Transmit Output Interface
The GC5316 provides four transmit output signal data ports. Each port can be enabled or disabled. Disabled ports
are held low and can also be tri-stated.
Each 18-bit port outputs the sum of the carriers contributing to the composite signal stack. Output data can be real
or complex valued. Complex I/Q data can be output either interleaved over a single output port, or, over two ports
separately.
Real output data would generally be selected driving a single D/A converter to an IF frequency. Complex output data
would be selected when subsequent post-processing such as power amplifier predistortion is employed. Complex
outputs can also be used to drive a pair of D/A converters (one for I, the other for Q) for direct I/Q upconversion using
a quadrature modulator device.
I and Q complex output data can be interleaved over a single 18-bit port, or, simultaneously over two separate output
ports at half the rate. Signal tx_I_flag is active when I data is being output when in complex output interleaved mode.
When complex output data is noninterleaved, I data is output on port 0 and Q data is output on port 1 for sum chain 0.
For sum chain 1, I data is output on port 2 and Q data is output on port 3.
Real output data is output over a single 18-bit port. For CDMA mode, the maximum real output rate is txclk/2. The
maximum real output rate for UMTS mode is txclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com