Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 63 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 63 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 59Page - Texas Instruments GC5316 Datasheet HTML 60Page - Texas Instruments GC5316 Datasheet HTML 61Page - Texas Instruments GC5316 Datasheet HTML 62Page - Texas Instruments GC5316 Datasheet HTML 63Page - Texas Instruments GC5316 Datasheet HTML 64Page - Texas Instruments GC5316 Datasheet HTML 65Page - Texas Instruments GC5316 Datasheet HTML 66Page - Texas Instruments GC5316 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
63
txin_9_a
AB26
input
DUC 9 serial in data. CDMA A: I/Q
UMTS: I
txin_8_b
AA25
input
DUC 8 serial in data. CDMA B: I/Q
UMTS: Q
txin_9_b
Y24
input
DUC 9 serial in data. CDMA B: I/Q
UMTS: Q
txin_10_a
AA23
input
DUC 10 serial in data. CDMA A: I/Q
UMTS: I
txin_11_a
AC26
input
DUC 11 serial in data. CDMA A: I/Q
UMTS: I
txin_10_b
AB25
input
DUC 10 serial in data. CDMA B: I/Q
UMTS: Q
txin_11_b
AA24
input
DUC 11 serial in data. CDMA B: I/Q
UMTS: Q
tx_sync_out_0
AB24
output
Transmit serial interface strobe for DUC 0,1 (txin_[0,1]_[a,b])
tx_sync_out_1
AC25
output
Transmit serial interface strobe for DUC 2,3 (txin_[2,3]_[a,b])
tx_sync_out_2
AD26
output
Transmit serial interface strobe for DUC 4,5 (txin_[4,5]_[a,b])
tx_sync_out_3
AB23
output
Transmit serial interface strobe for DUC 6,7 (txin_[6,7]_[a,b])
tx_sync_out_4
AC24
output
Transmit serial interface strobe for DUC 8,9 (txin_[8,9]_[a,b])
tx_sync_out_5
AD23
output
Transmit serial interface strobe for DUC 10,11 (txin_[10,11]_[a,b])
tx_synca
K24
input
Transmit sync input
tx_syncb
J25
input
Transmit sync input
tx_syncc
H26
input
Transmit sync input
tx_syncd
K23
input
Transmit sync input
tx_sync_out
F23
output
Transmit general purpose output sync
txclk_out
E23
output
Transmit output clock
tx_i_flag
D24
output
Transmit output iflag
txout_a_17
B19
output
Transmit output bus a MSB
txout_a_16
A20
output
Transmit output bus a
txout_a_15
C19
output
Transmit output bus a
txout_a_14
B20
output
Transmit output bus a
txout_a_13
A21
output
Transmit output bus a
txout_a_12
D19
output
Transmit output bus a
txout_a_11
C20
output
Transmit output bus a
txout_a_10
B21
output
Transmit output bus a
txout_a_9
A22
output
Transmit output bus a
txout_a_8
D20
output
Transmit output bus a
txout_a_7
C21
output
Transmit output bus a
txout_a_6
B22
output
Transmit output bus a
txout_a_5
A23
output
Transmit output bus a
txout_a_4
C22
output
Transmit output bus a
txout_a_3
B23
output
Transmit output bus a
txout_a_2
A24
output
Transmit output bus a
txout_a_1
D22
output
Transmit output bus a
txout_a_0
C23
output
Transmit output bus a LSB
txout_b_17
B14
output
Transmit output bus b MSB
txout_b_16
C14
output
Transmit output bus b
txout_b_15
D14
output
Transmit output bus b
txout_b_14
A15
output
Transmit output bus b
txout_b_13
B15
output
Transmit output bus b
txout_b_12
C15
output
Transmit output bus b
txout_b_11
A16
output
Transmit output bus b
txout_b_10
B16
output
Transmit output bus b
txout_b_9
A17
output
Transmit output bus b
txout_b_8
C16
output
Transmit output bus b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com