Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 17Page - Texas Instruments GC5316 Datasheet HTML 18Page - Texas Instruments GC5316 Datasheet HTML 19Page - Texas Instruments GC5316 Datasheet HTML 20Page - Texas Instruments GC5316 Datasheet HTML 21Page - Texas Instruments GC5316 Datasheet HTML 22Page - Texas Instruments GC5316 Datasheet HTML 23Page - Texas Instruments GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
21
0
1
2
3
4
5
6
7
1
10
100
1000
10000
100000
1000000
SAMPLES
D=3
D=4
D=5
D=6
D=7
D=8
D=9
D=10
D=11
D=12
D=13
D=14
D=15
D=16
D=17
D=18
D=18
D=3
Figure 17. AGC Gain Error vs Samples
The AGC noise once the AGC has converged is a random error of amplitude
±2−D relative to the RMS signal level.
This means that the error level is −6
×D dB below the signal RMS level. At D=10 (−60 dB) the error is negligible. The
plot below shows the AGC response for vales of D ranging from 3 to 18. Error dB represents the distance the signal
level is from the desired target threshold.
The AGC is also subject to user specified upper and lower adjustment limits. The AGC stops incrementing the gain
if the adjustment exceeds Amax. It stops decrementing the gain if the adjustment is less than Amin.
The input data is received with a valid flag that is high when a valid sample is received. For complex data, the I and Q
samples are on the same data input line and are not treated independently. An adjustment is made for the magnitude
of the I sample, and then another adjustment is made for the Q sample.
The AGC operates on UMTS and CDMA data. When in UMTS mode the I and Q data are each used to produce the
AGC level. There is no separate I path gain and Q path gain. When in CDMA mode there are separate gain levels
for the signal and diversity I and Q data. The I and Q for A (or the Signal ) pair is calculated and then the I and Q
for the B (or diversity) pair is calculated.
There is a freeze mode for holding the accumulator at its current level. This puts the AGC in a hold mode using the
user-programmed gain along with the current gain_adjust value. To only use the user programmed gain value as the
gain, set the freeze bit and then clear the accumulator. When using the freeze bit, the full 25-bit output is sent out
of the AGC block to support transferring up to 25 bits when the AGC is disabled.
The current AGC gain and state can also be optionally output with the DDCs I and Q output data by setting the
gain_mon variable. When in this mode, the top 14 bits of the current AGC gain word are integrated in with the
AGC-modified I and Q output data.
Table 18. Output Data Format With Embedded AGC Gain Data
Output
Bits(17:10)
Bits(9:4)
Bits(3:2)
Bits(1:0)
I
I output data
Gain(18:11)
00
Q
Q output data
Gain(10:5)
AGC State(1:0)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com