Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 37 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 37 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments GC5316 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
37
3.1.7 Transmit Mixer
Q
I
20
Sin
Cos
18
18
21
21
Round
Fro m C hannel Delay
To Sum Chain
From N CO
Figure 30. Transmit Mixer
The transmit mixer, like the receive mixer, is a complex multiplier which takes the baseband I and Q data that has
been previously pulse-shaped and interpolated and translates to a carrier frequency programmed into the NCO. The
mixer data size is 18 bits for the signal path and 20 bits for the NCO path.
The gain through the mixer is –12 dB. It can be increased by 6 dB through a control bit. It is recommended that this
extra gain always be used. The output is then rounded to 21 bits.
Mixer gain = 2mixer_gain − 2
The mixer output of each channel is combined daisy-chain fashion in four sum chain adder blocks that are described
in a subsequent section.
For CDMA, the maximum output rate is txclk/2. The maximum output rate for UMTS is txclk.
Table 11. Programming
VARIABLE
DESCRIPTION
mixer_gain
When asserted adds 6 dB of gain in the mixer. Should always be set.
3.1.8 Transmit NCO
Fre quency Word
32
32
Phase Offset
Dith er
Gen
Dither Sync
32
Frequency Syn c
5
Zero Phase Sync
16
Phase Offset Sync
23
18
Reg
Reg
Sin/ Cos
Table
20
Cos
Sin
Clr
Reg
20
Figure 31. Transmit NCO
The NCO is a digital complex oscillator that is used to translate (or upconvert) interpolated and filtered baseband
signals to a programmable carrier frequency.
The block produces programmable complex digital sinusoids by accumulating a frequency word which is
programmed by the user. The output of the accumulator is a phase argument that indexes into a Sin/Cos ROM table
which produces the complex sinusoid. A phase offset can be added prior to indexing if desired for channel calibration
purposes. This changes the Sin/Cos phase with respect to other channels’ NCOs.
A 5-bit dither generator is provided and generates a small level of digital pseudo-noise that is added to the phase
argument below the bottom bit and is useful for reducing NCO spurious outputs.
Table 12. Programming
VARIABLE
DESCRIPTION
dither_ena
When set turns dither on. Clearing turns dither off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com