Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 65 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 65 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 61Page - Texas Instruments GC5316 Datasheet HTML 62Page - Texas Instruments GC5316 Datasheet HTML 63Page - Texas Instruments GC5316 Datasheet HTML 64Page - Texas Instruments GC5316 Datasheet HTML 65Page - Texas Instruments GC5316 Datasheet HTML 66Page - Texas Instruments GC5316 Datasheet HTML 67Page - Texas Instruments GC5316 Datasheet HTML 68Page - Texas Instruments GC5316 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
65
6.2
Receive Section Signals
SIGNAL NAME
BALL DESIG
TYPE
DESCRIPTION
rxclk
L24
input
Receive clock input
adcclk
D3
input
adc input clock
rxin_a_15
E4
input
Receive input data bus a MSB
rxin_a_14
C1
input
Receive input data bus a
rxin_a_13
D2
input
Receive input data bus a
rxin_a_12
E3
input
Receive input data bus a
rxin_a_11
F4
input
Receive input data bus a
rxin_a_10
D1
input
Receive input data bus a
rxin_a_9
E2
input
Receive input data bus a
rxin_a_8
F3
input
Receive input data bus a
rxin_a_7
G4
input
Receive input data bus a
rxin_a_6
E1
input
Receive input data bus a
rxin_a_5
F2
input
Receive input data bus a
rxin_a_4
G3
input
Receive input data bus a
rxin_a_3
H4
input
Receive input data bus a
rxin_a_2
F1
input
Receive input data bus a
rxin_a_1
G2
input
Receive input data bus a
rxin_a_0
H3
input
Receive input data bus a LSB
rxin_b_15
G1
input
Receive input data bus b MSB
rxin_b_14
H2
input
Receive input data bus b
rxin_b_13
J3
input
Receive input data bus b
rxin_b_12
K4
input
Receive input data bus b
rxin_b_11
H1
input
Receive input data bus b
rxin_b_10
J2
input
Receive input data bus b
rxin_b_9
K3
input
Receive input data bus b
rxin_b_8
J1
input
Receive input data bus b
rxin_b_7
L4
input
Receive input data bus b
rxin_b_6
K2
input
Receive input data bus b
rxin_b_5
L3
input
Receive input data bus b
rxin_b_4
K1
input
Receive input data bus b
rxin_b_3
L2
input
Receive input data bus b
rxin_b_2
M4
input
Receive input data bus b
rxin_b_1
L1
input
Receive input data bus b
rxin_b_0
M3
input
Receive input data bus b LSB
rxin_c_15
M2
input
Receive input data bus c MSB
rxin_c_14
M1
input
Receive input data bus c
rxin_c_13
N3
input
Receive input data bus c
rxin_c_12
N2
input
Receive input data bus c
rxin_c_11
P2
input
Receive input data bus c
rxin_c_10
P3
input
Receive input data bus c
rxin_c_9
P4
input
Receive input data bus c
rxin_c_8
R1
input
Receive input data bus c
rxin_c_7
R2
input
Receive input data bus c
rxin_c_6
R3
input
Receive input data bus c
rxin_c_5
T1
input
Receive input data bus c
rxin_c_4
R4
input
Receive input data bus c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com