Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 68 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 68 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 64Page - Texas Instruments GC5316 Datasheet HTML 65Page - Texas Instruments GC5316 Datasheet HTML 66Page - Texas Instruments GC5316 Datasheet HTML 67Page - Texas Instruments GC5316 Datasheet HTML 68Page - Texas Instruments GC5316 Datasheet HTML 69Page - Texas Instruments GC5316 Datasheet HTML 70Page - Texas Instruments GC5316 Datasheet HTML 71Page - Texas Instruments GC5316 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
68
6.3
Microprocessor Signals
SIGNAL NAME
BALL DESIG
TYPE
DESCRIPTION
d0
AD8
input/output
MPU register interface data bus LSB
d1
AE7
input/output
MPU register interface data bus
d2
AF6
input/output
MPU register interface data bus
d3
AC8
input/output
MPU register interface data bus
d4
AD7
input/output
MPU register interface data bus
d5
AE6
input/output
MPU register interface data bus
d6
AF5
input/output
MPU register interface data bus
d7
AC7
input/output
MPU register interface data bus
d8
AD6
input/output
MPU register interface data bus
d9
AE5
input/output
MPU register interface data bus
d10
AF4
input/output
MPU register interface data bus
d11
AD5
input/output
MPU register interface data bus
d12
AE4
input/output
MPU register interface data bus
d13
AF3
input/output
MPU register interface data bus
d14
AC5
input/output
MPU register interface data bus
d15
AD4
input/output
MPU register interface data bus MSB
a0
AB4
input
MPU register interface address bus LSB
a1
AD1
input
MPU register interface address bus
a2
AC2
input
MPU register interface address bus
a3
AB3
input
MPU register interface address bus
a4
AA4
input
MPU register interface address bus
a5
AC1
input
MPU register interface address bus MSB
rd_n
Y4
input
MPU register interface read – active low
wr_n
AA3
input
MPU register interface write – active low
ce_n
AB2
input
MPU register interface chip enable
– active low
reset_n
R24
input
Chip reset – active low
interrupt
AC3
output
Chip interrupt
6.4
JTAG Signals
SIGNAL NAME
BALL DESIG
TYPE
DESCRIPTION
tdi
N23
input
JTAG test data in
tms
M26
input
JTAG test mode select
trst_n
M25
input
JTAG test reset (same as trst – the “_n” is for consistency − being active low)
tck
M24
input
JTAG test clock
tdo
L26
output
JTAG test data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com