Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 66 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 66 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 62Page - Texas Instruments GC5316 Datasheet HTML 63Page - Texas Instruments GC5316 Datasheet HTML 64Page - Texas Instruments GC5316 Datasheet HTML 65Page - Texas Instruments GC5316 Datasheet HTML 66Page - Texas Instruments GC5316 Datasheet HTML 67Page - Texas Instruments GC5316 Datasheet HTML 68Page - Texas Instruments GC5316 Datasheet HTML 69Page - Texas Instruments GC5316 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
66
rxin_c_3
T2
input
Receive input data bus c
rxin_c_2
U1
input
Receive input data bus c
rxin_c_1
T3
input
Receive input data bus c
rxin_c_0
U2
input
Receive input data bus c LSB
rxin_d_15
T4
input
receive input data bus MSB
rxin_d_14
V1
input
Receive input data bus d
rxin_d_13
U3
input
Receive input data bus d
rxin_d_12
V2
input
Receive input data bus d
rxin_d_11
W1
input
Receive input data bus d
rxin_d_10
U4
input
Receive input data bus d
rxin_d_9
V3
input
Receive input data bus d
rxin_d_8
W2
input
Receive input data bus d
rxin_d_7
Y1
input
Receive input data bus d
rxin_d_6
W3
input
Receive input data bus d
rxin_d_5
Y2
input
Receive input data bus d
rxin_d_4
AA1
input
Receive input data bus d
rxin_d_3
W4
input
Receive input data bus d
rxin_d_2
Y3
input
Receive input data bus d
rxin_d_1
AA2
input
Receive input data bus d
rxin_d_0
AB1
input
Receive input data bus d LSB
rx_synca
J24
input
Receive sync input
rx_syncb
H25
input
Receive sync input
rx_syncc
G26
input
Receive sync input
rx_syncd
H24
input
Receive sync input
rx_sync_out
AF7
output
Receive general purpose output sync
rx_sync_out_0
AF23
output
Receive serial interface strobe for DDC 0, 1 (rxout_[0,1]_[a−d])
rx_sync_out_1
AE20
output
Receive serial interface strobe for DDC 2, 3 (rxout_[2,3]_[a−d])
rx_sync_out_2
AF18
output
Receive serial interface strobe for DDC 4, 5 (rxout_[4,5]_[a−d])
rx_sync_out_3
AF15
output
Receive serial interface strobe for DDC 6, 7 (rxout_[6,7]_[a−d])
rx_sync_out_4
AD12
output
Receive serial interface strobe for DDC 8, 9 (rxout_[8,9]_[a−d])
rx_sync_out_5
AE9
output
Receive serial interface strobe for DDC 10,11 (rxout_[10,11]_[a−d])
rxout_0_a
AF22
output
DDC 0 serial out data. CDMA A: I data UMTS: Imsb
rxout_0_b
AC20
output
DDC 0 serial out data. CDMA B: I data UMTS: Imsb − 1
rxout_0_c
AD21
output
DDC 0 serial out data. CDMA A: Q data UMTS: Qmsb
rxout_0_d
AE22
output
DDC 0 serial out data. CDMA B: Q data UMTS: Qmsb −1
rxout_1_a
AD22
output
DDC 1 serial out data. CDMA A: I data. UMTS: Imsb
rxout_1_b
AE23
output
DDC 1 serial out data. CDMA B: I data. UMTS: Imsb − 1
rxout_1_c
AF24
output
DDC 1 serial out data. CDMA A: Q data UMTS: Qmsb
rxout_1_d
AC22
output
DDC 1 serial out data. CDMA B: Q data UMTS: Qmsb −1
rxout_2_a
AD18
output
DDC 2 serial out data. CDMA A: I data UMTS: Imsb
rxout_2_b
AE19
output
DDC 2 serial out data. CDMA B: I data UMTS: Imsb − 1
rxout_2_c
AF20
output
DDC 2 serial out data. CDMA A: Q data UMTS: Qmsb
rxout_2_d
AD19
output
DDC 2 serial out data. CDMA B: Q data UMTS: Qmsb −1
rxout_3_a
AF21
output
DDC 3 serial out data. CDMA A: I data UMTS: Imsb
rxout_3_b
AC19
output
DDC 3 serial out data. CDMA B: I data UMTS: Imsb − 1
rxout_3_c
AD20
output
DDC 3 serial out data. CDMA A: Q data UMTS: Qmsb
rxout_3_d
AE21
output
DDC 3 serial out data. CDMA B: Q data UMTS: Qmsb −1
rxout_4_a
AF17
output
DDC 4 serial out data. CDMA A: I data UMTS: Imsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com