Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 52 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 52 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 48Page - Texas Instruments GC5316 Datasheet HTML 49Page - Texas Instruments GC5316 Datasheet HTML 50Page - Texas Instruments GC5316 Datasheet HTML 51Page - Texas Instruments GC5316 Datasheet HTML 52Page - Texas Instruments GC5316 Datasheet HTML 53Page - Texas Instruments GC5316 Datasheet HTML 54Page - Texas Instruments GC5316 Datasheet HTML 55Page - Texas Instruments GC5316 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
52
imask_rx_pmeter_lsb
D
2B
8
8
0
Interrupt mask bits for the receive composite power
meter− 8 LSBs
imask_tx_cic
D
2C
0
12
0
Interrupt mask bits for overflow detection in the transmit
cics
5.1.5 General Receive Controls
These registers control the receive interface to the DDC channels
VARIABLE NAME
TYPE
PAGE
ADDRESS
LSB
POSITION
BIT
WIDTH
DEFAULT
DESCRIPTION
ddc_counter_lsb
D
1800
5
0
16
65535
32-bit interval timer common to all DDC sync
inputs. This timer may be programmed to any
interval count, and each DDC synchronization
input can select this counter as a source. This
counter increments on each RX clock rising
edge. 16 LSBs
ddc_counter_msb
D
1800
6
0
16
65535
32-bit interval timer common to all DDC sync
inputs.16 MSBs
ssel_ddc_counter
U
1800
7
8
3
0
Selects the sync source for the DDC sync
counter.
ddc_counter_width
D
1800
7
0
8
0
Sets the width of the counter generated sync
pulse in RX clock cycles, from 1 to 256. The
width of the the ddc_counter pulse should be set
wide enough to be asserted for an entire clock
period of the slowest block to use this sync
ssel_adc_fifo
U
1800
8
12
3
6
Selects the sync source for the adc FIFO block.
Sync reinitializes the read and write pointers of
the FIFO.
ssel_resamp
U
1800
8
8
3
0
Selects the sync source for the
ADC_RESAMPLER block.
ssel_rxsync_out
U
1800
8
4
3
0
Selects the sync source for the RXSYNC_OUT
pin.
ssel_rxin
U
1800
8
0
3
0
Synchronizes the rx_distribution bus source and
destination and clock generation in each of the
DDC blocks.
rate_sel
U
1800
9
14
2
0
This selects the FIFO output rate when
adc_fifo_bypass = 0. When using the resampler,
this value should be programmed to a 0. When
set to 0, the FIFO output is clocked by rxclk
(gated if resampler is on and decimating by 1.5).
When set to 1, the FIFO output rate is 1/2 of
rxclk rate. When set to 2, the FIFO output rate is
1/4 of rxclk rate, and when set to 3, the FIFO
output is at 1/8 of rxclk rate. E.g.: With rxclk
122.88 MHz, set rate_sel to 0, 1, 2 or 3
respectively for adcclk 122.88, 61.44, 30.72 or
15.36 MHz.
resampler_ena
U
1800
9
13
1
0
When asserted turns on the ADC_RESAMPLER
block.
adc_fifo_bypass
D
1800
9
10
1
0
When asserted, the adc_fifo is bypassed. Input
data is then clocked in directly using the RXCLK
input. The ssel_rxin selection value will control
the location of the internally generated sample
clock when this bit is asserted.
resampler_decim
D
1800
9
9
1
1
This tells the ADC_RESAMPLER block the
decimation factor (1=1.5X, 0=2X)
nz_pwr_mask
D
1820
6
0
16
0
Used along with rduz_sens_ena, it selects the
noise bits to be added to the ADC input sample
when asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com