Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 1 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 1 Page - Texas Instruments

  GC5316 Datasheet HTML 1Page - Texas Instruments GC5316 Datasheet HTML 2Page - Texas Instruments GC5316 Datasheet HTML 3Page - Texas Instruments GC5316 Datasheet HTML 4Page - Texas Instruments GC5316 Datasheet HTML 5Page - Texas Instruments GC5316 Datasheet HTML 6Page - Texas Instruments GC5316 Datasheet HTML 7Page - Texas Instruments GC5316 Datasheet HTML 8Page - Texas Instruments GC5316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
HIGHDENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
FEATURES
D Optimized for CDMA2000−1X and UMTS
D Up to 12 UMTS or 24 CDMA2000
Downconverter and Upconverter Channels
D Mixed CDMA2000−1X and UMTS Operation
D DDC Input and DUC Output Rates to
125 MSPS
D Any DDC Can Connect to Any of Four Input
Ports
D Any DUC Can Sum into Any of Four Output
Ports
D Real/Complex DDC Inputs and DUC Outputs
D Programmable AGC on DDC Outputs
D Rx Filtering: 6 Stage CIC, 48 Tap CFIR, 64 Tap
PFIR
D Tx Filtering: 6 Stage CIC, 47 Tap CFIR, 63 Tap
PFIR
D 115-dB SFDR
D 16-Bit DDC Inputs, 18-Bit DUC Outputs
D 1.5-V Core, 3.3-V I/O
1
Description
The GC5316 is a high-density multi-channel communications signal processor integrated circuit that provides both
digital downconversion and digital upconversion optimized for cellular base transceiver systems. The device
supports both UMTS and CDMA2000 (CDMA) air interface cellular standards.
The chip provides up to 24 CDMA digital downconverter (DDC) and digital upconverter (DUC) channels or 12 UMTS
DDC and DUC channels. The GC5316 can also support a combination of CDMA and UMTS channels. The DDC and
DUC channels are independent and operate simultaneously.
The chip is ideal for cellular base transceiver systems where a large number of digital radio channels are required.
Each of the 24 CDMA (or 12 UMTS) channels can operate independently. On the DDC side there are four 16 bit input
ports that can accept real or complex input data. The input ports are driven with parallel data, typically from an
analog-to-digital converter. Each downconverter channel can be programmed to accept data from any one of the four
input ports.
On the DUC side, there are four 18-bit output ports. Each output port can sum any of the DUC channels in a
daisy-chain fashion. This permits creating a stack of CDMA or UMTS signals. These ports can output either real or
complex data. Real output data would generally drive one or more D/A converters and output the stack of signals
at an intermediate frequency (IF). Complex data (at baseband or an IF) is used when a quadrature modulator
upconversion scheme is employed. Complex output data can also be used when the output stack is further processed
using crest factor reduction or power amplifier predistortion techniques.
Table of Contents
1
Description
1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
GC5316 Receive
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
GC5316 Transmit
25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
GC5316 General Control
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
GC5316 Programming
48
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
GC5316 Pin Description
62
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Specification
70
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - GC5316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5316 TI1-GC5316 Datasheet
796Kb / 76P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
More results

Similar Description - GC5316

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
1.5-2.5 GHz Upconverter/ Downconverter
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
Digital UpConverter
1999 01
logo
Texas Instruments
GC5318 TI-GC5318 Datasheet
553Kb / 45P
HIGH-DENSITY DIGITAL UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Analog Devices
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
RF DAC and Digital Upconverter
7/2017-Rev. B to Rev. C
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
logo
Renesas Technology Corp
F5728 RENESAS-F5728 Datasheet
251Kb / 3P
mmWave Upconverter/Downconverter 24GHz to 30GHz
logo
Analog Devices
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com