Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 31 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 31 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
31
Table 4. Programming
VARIABLE
DESCRIPTION
pilot_psc(15:0)
Lower 16 bits of the 18-bit pilot LFSR initial sequence.
pilot_psc(17:16)
Upper 2 bits of the 18-bit pilot LFSR initial sequence.
pilot_diversity
Sets main or diversity pilot generation. 0 = main, 1 = diversity
pilot_delay(15:0)
Unsigned delay value (in chips) from sync event. 0 to 38399 chips.
pilot_gain_0(15:0)
Gain value. pilot_gain_0 and pilot_gain_1 must be set to the same value for proper operation.
Must be set to 0 for CDMA operation.
pilot_gain_1(15:0)
Gain value. pilot_gain_0 and pilot_gain_1 must be set to the same value for proper operation.
Must be set to 0 for CDMA operation.
ssel_pilot(2:0)
Sync source
3.1.4 Transmit Channel RMS Power Meter
Sync
Event
Sync Delay
Integration
Start
Integration Time
Integration
Start
Integration Time
Integration Time
Interval Time
Integration
Start
Interval Time
Interrupt
Interrupt
Interrupt
Time
Integrate
50 bits
Clear
Register
Transfer
32
I
Q
18
18
13 Bits
(in increments of 4 samples)
Sync
RMS Power
Interrupt
37
Sync D elay
C ounter
7Bits
(in samples)
I nterval
Counter
9Bits
(in increments of
64 samples)
pmeter_sync_delay_duc
Top
32
13
9
7
pmeter_integration_duc
Integration Period Counter
pmeter_interval_duc
Power Measurement Time Line
Figure 26. Transmit Channel RMS Power Meter
Each transmit channel includes an RMS power meter used to measure the RMS power within the channel.
Functionally, the power meter block is identical to the RMS power meter blocks used in the receive chain.
The power meter samples the I and Q data stream before the PFIR filter. Both 18-bit I and Q data are squared,
summed, and then integrated over a time determined by pmeter_integration_duc (13 bits). Integration time = 4 x
pmeter_integration_duc + 1 (in units of a sample period or generally a chip period).
There is a programmable 9-bit interval counter which sets the interval over which power measurements are repeated.
The timer counts in increments of 64 samples. The interval time = 64(pmeter_interval_duc+1) The interval time must
be greater than (not equal to) the integration time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com