Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC5316 Datasheet(PDF) 32 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 32 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
32
The power measurement process starts with a sync event (ssel_pmeter). The integration starts at sync event + 3
chips + sync_delay. The 7-bit delay register permits delays from 3 to 130 samples after sync. The integration
continues until the integration count is met. At that point the top 32 bits of the 50-bit accumulator is transferred to
the read register and an interrupt is generated indicating the power value is ready to read. The interval counter
continues until the programmed interval count is reached. When reached, the integration counter and the interval
counter start over again. Each time the integration count is reached the upper 32 bits are again transferred to the
read register overwriting the previous value sending an interrupt signifying the data is ready to be read. Failure to
read the data timely results in overwriting the previous interval measurement.
Sync ssel_pmeter starts the process. Whenever a sync is received, all the counters are reset to zero no matter what
the status.
For UMTS, I and Q are calculated and the integrated power is read. When in CDMA mode the power is calculated
for both the A and B signals, producing two 32-bit results.
For CDMA mode, the integration time is slightly longer. The power read in CDMA mode with a dc input is:
D A power: [ I2 x (X x 4 + 1) + Q2 x (X x 4 + 0) ] x 2−18. Note, one Q sample is missing from the integration.
D B power: [ I2 x (X x 4 + 1) + Q2 x (X x 4 + 1) ] x 2−18
Where X is the integration count.
Table 5. Programming
VARIABLE
DESCRIPTION
pmeter_result_a_lsb(15:0)
Lower 16 bits of the A channel power measurement.
pmeter_result_a_msb (31:16)
Upper 16 bits of the A channel power measurement.
pmeter_result_b_lsb (15:0)
Lower 16 bits of the B channel power measurement result. Only available in CDMA mode.
pmeter_integration_duc(12:0)
Integration time = 4 x pmeter_integration_duc+1.
pmeter_sync_delay_duc(6:0)
Sync delay count in samples.
pmeter_interval_duc(9:0)
Interval time = 64(pmeter_interval_duc+1). Interval time must be greater than (not equal)
integration time.
ssel_pmeter(2:0)
Sync source options.
pmeter_sync_disable
Turns off sync to the channel’s power meter
3.1.5 Transmit Filter Chain
GC5316 transmit filtering is performed in three stages:
D Interpolate by two pulse-shape filtering using the programmable FIR filter (PFIR)
D Interpolate by two compensation filtering using the programmable compensating FIR filter (CFIR)
D High-rate interpolation (4 to 32) using the six stage cascade-integrate comb filter (CIC)
Figure 27. DUC Filter Chain
The purpose of the transmit filter chain is to interpolate the input signal data up to the mixer clock rate, nominally
122.88 MHz. The following table provides two examples of how the interpolation can be allocated among the three
different filters for both CDMA and UMTS.
Table 6. Example UMTS and CDMA2000 DUC Transmit Modes
INPUT RATE
RATE
PFIR
INTERPOLATION
CFIR
INTERPOLATION
CIC
INTERPOLATION
OVERALL
INTERPOLATION
CDMA
1.2288 MSPS
2
2
25
100
UMTS
3.84 MSPS
2
2
8
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com