Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 157 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 157 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 153Page - Microchip Technology ATMEGA640 Datasheet HTML 154Page - Microchip Technology ATMEGA640 Datasheet HTML 155Page - Microchip Technology ATMEGA640 Datasheet HTML 156Page - Microchip Technology ATMEGA640 Datasheet HTML 157Page - Microchip Technology ATMEGA640 Datasheet HTML 158Page - Microchip Technology ATMEGA640 Datasheet HTML 159Page - Microchip Technology ATMEGA640 Datasheet HTML 160Page - Microchip Technology ATMEGA640 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 436 page
background image
157
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
See TCCRnA Register description.
• Bit 2:0 – CSn2:0: Clock Select
The three clock select bits select the clock source to be used by the Timer/Counter, see Figure 17-10 and Figure
17-11 on page 152.
If external pin modes are used for the Timer/Countern, transitions on the Tn pin will clock the counter even if the
pin is configured as an output. This feature allows software control of the counting.
17.11.9
TCCR1C – Timer/Counter 1 Control Register C
17.11.10 TCCR3C – Timer/Counter 3 Control Register C
17.11.11 TCCR4C – Timer/Counter 4 Control Register C
17.11.12 TCCR5C – Timer/Counter 5 Control Register C
Table 17-6.
Clock Select Bit Description
CSn2
CSn1
CSn0
Description
0
0
0
No clock source. (Timer/Counter stopped)
001
clkI/O/1 (No prescaling
010
clkI/O/8 (From prescaler)
011
clkI/O/64 (From prescaler)
100
clkI/O/256 (From prescaler)
101
clkI/O/1024 (From prescaler)
1
1
0
External clock source on Tn pin. Clock on falling edge
1
1
1
External clock source on Tn pin. Clock on rising edge
Bit
765
4
3
2
1
0
(0x82)
FOC1A
FOC1B
FOC1C
–
–
–
–
–
TCCR1C
Read/Write
W
W
W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4
3
2
1
0
(0x92)
FOC3A
FOC3B
FOC3C
–
–
–
–
–
TCCR3C
Read/Write
W
W
W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4
3
2
1
0
(0xA2)
FOC4A
FOC4B
FOC4C
–
–
–
–
–
TCCR4C
Read/Write
W
W
W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4
3
2
1
0
(0x122)
FOC5A
FOC5B
FOC3C
–
–
–
–
–
TCCR5C
Read/Write
W
W
W
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com