Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 158 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 158 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 154Page - Microchip Technology ATMEGA640 Datasheet HTML 155Page - Microchip Technology ATMEGA640 Datasheet HTML 156Page - Microchip Technology ATMEGA640 Datasheet HTML 157Page - Microchip Technology ATMEGA640 Datasheet HTML 158Page - Microchip Technology ATMEGA640 Datasheet HTML 159Page - Microchip Technology ATMEGA640 Datasheet HTML 160Page - Microchip Technology ATMEGA640 Datasheet HTML 161Page - Microchip Technology ATMEGA640 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 436 page
background image
158
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
• Bit 7 – FOCnA: Force Output Compare for Channel A
• Bit 6 – FOCnB: Force Output Compare for Channel B
• Bit 5 – FOCnC: Force Output Compare for Channel C
The FOCnA/FOCnB/FOCnC bits are only active when the WGMn3:0 bits specifies a non-PWM mode. When writ-
ing a logical one to the FOCnA/FOCnB/FOCnC bit, an immediate compare match is forced on the waveform
generation unit. The OCnA/OCnB/OCnC output is changed according to its COMnx1:0 bits setting. Note that the
FOCnA/FOCnB/FOCnC bits are implemented as strobes. Therefore it is the value present in the COMnx1:0 bits
that determine the effect of the forced compare.
A FOCnA/FOCnB/FOCnC strobe will not generate any interrupt nor will it clear the timer in Clear Timer on Com-
pare Match (CTC) mode using OCRnA as TOP.
The FOCnA/FOCnB/FOCnB bits are always read as zero.
• Bit 4:0 – Reserved Bits
These bits are reserved for future use. For ensuring compatibility with future devices, these bits must be written to
zero when TCCRnC is written.
17.11.13 TCNT1H and TCNT1L – Timer/Counter 1
17.11.14 TCNT3H and TCNT3L – Timer/Counter 3
17.11.15 TCNT4H and TCNT4L –Timer/Counter 4
17.11.16 TCNT5H and TCNT5L –Timer/Counter 5
The two Timer/Counter I/O locations (TCNTnH and TCNTnL, combined TCNTn) give direct access, both for read
and for write operations, to the Timer/Counter unit 16-bit counter. To ensure that both the high and low bytes are
read and written simultaneously when the CPU accesses these registers, the access is performed using an 8-bit
temporary High Byte Register (TEMP). This temporary register is shared by all the other 16-bit registers. See
“Accessing 16-bit Registers” on page 135.
Bit
7
65
43
2
1
0
(0x85)
TCNT1[15:8]
TCNT1H
(0x84)
TCNT1[7:0]
TCNT1L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x95)
TCNT3[15:8]
TCNT3H
(0x94)
TCNT3[7:0]
TCNT3L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0xA5)
TCNT4[15:8]
TCNT4H
(0xA4)
TCNT4[7:0]
TCNT4L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x125)
TCNT5[15:8]
TCNT5H
(0x124)
TCNT5[7:0]
TCNT5L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com