Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 162 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 162 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 158Page - Microchip Technology ATMEGA640 Datasheet HTML 159Page - Microchip Technology ATMEGA640 Datasheet HTML 160Page - Microchip Technology ATMEGA640 Datasheet HTML 161Page - Microchip Technology ATMEGA640 Datasheet HTML 162Page - Microchip Technology ATMEGA640 Datasheet HTML 163Page - Microchip Technology ATMEGA640 Datasheet HTML 164Page - Microchip Technology ATMEGA640 Datasheet HTML 165Page - Microchip Technology ATMEGA640 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 436 page
background image
162
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
17.11.36 TIMSK5 – Timer/Counter 5 Interrupt Mask Register
• Bit 5 – ICIEn: Timer/Countern, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally enabled), the
Timer/Countern Input Capture interrupt is enabled. The corresponding Interrupt Vector (see “Interrupts” on page
101) is executed when the ICFn Flag, located in TIFRn, is set.
• Bit 3 – OCIEnC: Timer/Countern, Output Compare C Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally enabled), the
Timer/Countern Output Compare C Match interrupt is enabled. The corresponding Interrupt Vector (see “Inter-
rupts” on page 101) is executed when the OCFnC Flag, located in TIFRn, is set.
• Bit 2 – OCIEnB: Timer/Countern, Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally enabled), the
Timer/Countern Output Compare B Match interrupt is enabled. The corresponding Interrupt Vector (see “Inter-
rupts” on page 101) is executed when the OCFnB Flag, located in TIFRn, is set.
• Bit 1 – OCIEnA: Timer/Countern, Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally enabled), the
Timer/Countern Output Compare A Match interrupt is enabled. The corresponding Interrupt Vector (see “Inter-
rupts” on page 101) is executed when the OCFnA Flag, located in TIFRn, is set.
• Bit 0 – TOIEn: Timer/Countern, Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally enabled), the
Timer/Countern Overflow interrupt is enabled. The corresponding Interrupt Vector (see “Interrupts” on page 101) is
executed when the TOVn Flag, located in TIFRn, is set.
17.11.37 TIFR1 – Timer/Counter1 Interrupt Flag Register
17.11.38 TIFR3 – Timer/Counter3 Interrupt Flag Register
17.11.39 TIFR4 – Timer/Counter4 Interrupt Flag Register
Bit
76543
2
1
0
(0x73)
–
–ICIE5
–
OCIE5C
OCIE5B
OCIE5A
TOIE5
TIMSK5
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
00000
0
0
0
Bit
7
65
43
2
1
0
0x16 (0x36)
–
–ICF1
–
OCF1C
OCF1B
OCF1A
TOV1
TIFR1
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
0x18 (0x38)
–
–ICF3
–
OCF3C
OCF3B
OCF3A
TOV3
TIFR3
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
0x19 (0x39)
–
–ICF4
–
OCF4C
OCF4B
OCF4A
TOV4
TIFR4
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com