Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 161 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 161 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 157Page - Microchip Technology ATMEGA640 Datasheet HTML 158Page - Microchip Technology ATMEGA640 Datasheet HTML 159Page - Microchip Technology ATMEGA640 Datasheet HTML 160Page - Microchip Technology ATMEGA640 Datasheet HTML 161Page - Microchip Technology ATMEGA640 Datasheet HTML 162Page - Microchip Technology ATMEGA640 Datasheet HTML 163Page - Microchip Technology ATMEGA640 Datasheet HTML 164Page - Microchip Technology ATMEGA640 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 436 page
background image
161
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
17.11.30 ICR3H and ICR3L – Input Capture Register 3
17.11.31 ICR4H and ICR4L – Input Capture Register 4
17.11.32 ICR5H and ICR5L – Input Capture Register 5
The Input Capture is updated with the counter (TCNTn) value each time an event occurs on the ICPn pin (or
optionally on the Analog Comparator output for Timer/Counter1). The Input Capture can be used for defining the
counter TOP value.
The Input Capture Register is 16-bit in size. To ensure that both the high and low bytes are read simultaneously
when the CPU accesses these registers, the access is performed using an 8-bit temporary High Byte Register
(TEMP). This temporary register is shared by all the other 16-bit registers. See “Accessing 16-bit Registers” on
page 135.
17.11.33 TIMSK1 – Timer/Counter 1 Interrupt Mask Register
17.11.34 TIMSK3 – Timer/Counter 3 Interrupt Mask Register
17.11.35 TIMSK4 – Timer/Counter 4 Interrupt Mask Register
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x97)
ICR3[15:8]
ICR3H
(0x96)
ICR3[7:0]
ICR3L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0xA7)
ICR4[15:8]
ICR4H
(0xA6)
ICR4[7:0]
ICR4L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x127)
ICR5[15:8]
ICR5H
(0x126)
ICR5[7:0]
ICR5L
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543
2
1
0
(0x6F)
–
–ICIE1
–
OCIE1C
OCIE1B
OCIE1A
TOIE1
TIMSK1
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
00000
0
0
0
Bit
76543
2
1
0
(0x71)
–
–ICIE3
–
OCIE3C
OCIE3B
OCIE3A
TOIE3
TIMSK3
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
00000
0
0
0
Bit
76543
2
1
0
(0x72)
–
–ICIE4
–
OCIE4C
OCIE4B
OCIE4A
TOIE4
TIMSK4
Read/Write
R
R
R/W
R
R/W
R/W
R/W
R/W
Initial Value
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com