Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 159 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 159 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 155Page - Microchip Technology ATMEGA640 Datasheet HTML 156Page - Microchip Technology ATMEGA640 Datasheet HTML 157Page - Microchip Technology ATMEGA640 Datasheet HTML 158Page - Microchip Technology ATMEGA640 Datasheet HTML 159Page - Microchip Technology ATMEGA640 Datasheet HTML 160Page - Microchip Technology ATMEGA640 Datasheet HTML 161Page - Microchip Technology ATMEGA640 Datasheet HTML 162Page - Microchip Technology ATMEGA640 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 436 page
background image
159
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Modifying the counter (TCNTn) while the counter is running introduces a risk of missing a compare match between
TCNTn and one of the OCRnx Registers.
Writing to the TCNTn Register blocks (removes) the compare match on the following timer clock for all compare
units.
17.11.17 OCR1AH and OCR1AL – Output Compare Register 1 A
17.11.18 OCR1BH and OCR1BL – Output Compare Register 1 B
17.11.19 OCR1CH and OCR1CL – Output Compare Register 1 C
17.11.20 OCR3AH and OCR3AL – Output Compare Register 3 A
17.11.21 OCR3BH and OCR3BL – Output Compare Register 3 B
17.11.22 OCR3CH and OCR3CL – Output Compare Register 3 C
17.11.23 OCR4AH and OCR4AL – Output Compare Register 4 A
Bit
7
65
43
2
1
0
(0x89)
OCR1A[15:8]
OCR1AH
(0x88)
OCR1A[7:0]
OCR1AL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x8B)
OCR1B[15:8]
OCR1BH
(0x8A)
OCR1B[7:0]
OCR1BL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x8D)
OCR1C[15:8]
OCR1CH
(0x8C)
OCR1C[7:0]
OCR1CL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x99)
OCR3A[15:8]
OCR3AH
(0x98)
OCR3A[7:0]
OCR3AL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x9B)
OCR3B[15:8]
OCR3BH
(0x9A)
OCR3B[7:0]
OCR3BL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0x9D)
OCR3C[15:8]
OCR3CH
(0x9C)
OCR3C[7:0]
OCR3CL
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
2
1
0
(0xA9)
OCR4A[15:8]
OCR4AH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com