Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 134 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 130Page - STMicroelectronics L9963E Datasheet HTML 131Page - STMicroelectronics L9963E Datasheet HTML 132Page - STMicroelectronics L9963E Datasheet HTML 133Page - STMicroelectronics L9963E Datasheet HTML 134Page - STMicroelectronics L9963E Datasheet HTML 135Page - STMicroelectronics L9963E Datasheet HTML 136Page - STMicroelectronics L9963E Datasheet HTML 137Page - STMicroelectronics L9963E Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 184 page
background image
Table 73. Recommended components for typical application scenario
Components Value Unit
Max.
tolerance
Rating
Comments
FRBAT
1
kΩ
@100 MHz
1.4 A @
125 °C
Ferrite bead helps limiting the inrush current due to hotplug.
It also filters high frequency noise. The BLM31KN102SH1L is
recommended. It can be replaced with a 10 Ω RBAT resistor. Higher
resistance values are not recommended since they introduce an error
in VBAT measurement, proportional to RBAT*IVBAT.
DZBAT
68
V
The SMA6T68AY is recommended for protecting VBAT against
damage during hotplug and ESD events. Connect to GND_ESD.
CBAT_3
100
pF
10%
100 V
Filter high frequency noise on VBAT sense line. Place as close as
possible to VBAT pin. Connect to AGND.
CBAT_2
33
nF
10%
100 V
Filter high frequency noise on VBAT sense line. Place as close as
possible to VBAT pin. Connect to AGND.
CBAT_1
2.2
μF
10%
100 V
Provide battery stabilization. Filter noise on VBAT sense line. Connect
to GND_ESD. Do not exceed 2.2 μF.
CVCOM
220
nF
10%
16 V
Tank for the VCOM regulator. Mount as close as possible to VCOM
pin. Total capacity on the VCOM pin must be equal to 2.2 µF. When
isolated SPI communication is implemented via Transformer-Based
Insulation, the recommended capacity partitioning is:
•
1 µF as CESD_VCOM on the ISOH clamp. Connect to
GND_ESD (refer to Section 6.8 ISO lines circuit)
•
1 µF as CESD_VCOM on the ISOL clamp. Connect to
GND_ESD (refer to Section 6.8 ISO lines circuit)
•
220 nF as CVCOM directly on the VCOM pin. Connect to
AGND
CVCOM
2.2
μF
10%
16 V
Tank for the VCOM regulator. Mount as close as possible to
VCOM pin. This configuration is recommended when isolated SPI
communication is implemented via Capacitive-Based Insulation.
CVANA
2.2
µF
10%
6.3 V
Tank for the VANA regulator. Connect to AGND.
CVTREF
2.2
µF
10%
16 V
Tank for the VTREF regulator. Connect to AGND.
CBOOT
1
µF
10%
16 V
Bootstrap capacitor.
L9963E
Typical application circuit and bill of material
DS13636 - Rev 4
page 134/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com