Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 135 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 135 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 131Page - STMicroelectronics L9963E Datasheet HTML 132Page - STMicroelectronics L9963E Datasheet HTML 133Page - STMicroelectronics L9963E Datasheet HTML 134Page - STMicroelectronics L9963E Datasheet HTML 135Page - STMicroelectronics L9963E Datasheet HTML 136Page - STMicroelectronics L9963E Datasheet HTML 137Page - STMicroelectronics L9963E Datasheet HTML 138Page - STMicroelectronics L9963E Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 184 page
background image
6.3
Cell voltage sensing circuit
Figure 33 shows the recommended cell voltage sensing circuit.
Figure 33. Typical cell voltage sensing circuit
Table 74. Typical BOM for cell voltage sensing circuit
Components Value
Unit
Max.
tolerance
Rating
Comments
RLPF
100
Ω
10%
1/16 W
LPF resistor for cell voltage measurement. Do not exceed
3 kΩ, otherwise cell open failure could be detected. Higher
values of resistance cause higher measurement offset error
due to the leakage ICELL_LEAK from Cx pins (see Table 39).
A typical value of 100 Ω is recommended for pre-filtering the
input signal in the analog domain and pass BCI trials. The
differential filter cut-off frequency is
fC= 1
4πRLPFCLPF
Do not use thin film resistors on these lines connected to ECU
global pins. They could drift upon System Level ESD strikes.
Use thick film or metal foil instead.
CLPF
10
nF
10%
50 V
LPF capacitor for cell voltage measurement. The differential
filter cut-off frequency is
fC= 1
4πRLPFCLPF.Thecapacitors
also allow better energy distribution during hotplug events.
Do not modify this value, since it alters cell open diagnostic
settling time.
CESD
47
nF
10%
100 V
Protect against ESD events and ISO spikes. Connect to
GND_ESD.
FRSNS
1
kΩ
@100 MHz
1 A @ 125 °C
Add robustness against BCI. Guarantees fail safe in case
of open on busbar (refer to Figure 34 as an example).
MPZ2012S102ATD25 is recommended.
L9963E
Cell voltage sensing circuit
DS13636 - Rev 4
page 135/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com