Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 107 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 103Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 104Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 105Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 106Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 107Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 108Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 109Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 110Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
Package information and contact assignments
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
107
Table 112 shows an alpha-sorted list of functional contact assignments of the 14 x 14 mm package.
VDD_SOC_IN
H8, H9, H10, J8, J9, J10, K10
VDD_SNVS_ANA
U14
—
VDD_SNVS_DIG
T14
—
VDD_SNVS_IN
U12
—
VDDA_1P0
N11
—
VDDA_1P8_IN
M11
—
VDDA_ADC_1P8
K15
VDDA_ADC_3P3
J13
—
VSS
A1, A17, B7, C8, C10, C12, C14, D4, F11, F12, F13, G3, G7, G8, G9,
G10, G11, G15, H7, H11, J7, J11, K11, L3, L10, L11, L15, P4, P14, R4,
R7, T12, U1, U17
—
Table 112. 14 x 14 mm functional contact assignment
Ball name
14 x 14
ball
Power group
Ball
Types
Default setting
Default
modes
Default function
Input/
output
Value
CLK1_N
T15
—
—
—
—
—
CLK1_P
U15
—
—
—
—
—
GPIO_AD_00
N12
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX2_IO31
Input
35K PU1
GPIO_AD_01
R14
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO0
Input
35K PU
GPIO_AD_02
R13
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO1
Input
35K PD2
GPIO_AD_03
P15
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO2
Input
35K PD
GPIO_AD_04
M13
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO3
Input
35K PD
GPIO_AD_05
P13
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO4
Input
35K PD
GPIO_AD_06
N13
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO5
Input
35K PD
GPIO_AD_07
T17
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO6
Input
35K PD
GPIO_AD_08
R15
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO7
Input
35K PD
Table 111. 14 x 14 mm supplies contact assignment (continued)
Supply Rail Name
Ball(s) Position(s)
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com