Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 108 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 104Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 105Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 106Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 107Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 108Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 109Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 110Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 111Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
108
NXP Semiconductors
Package information and contact assignments
GPIO_AD_09
R16
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO8
Input
35K PD
GPIO_AD_10
R17
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO9
Input
35K PD
GPIO_AD_11
P16
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO10
Input
35K PD
GPIO_AD_12
P17
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO11
Input
35K PD
GPIO_AD_13
L12
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO12
Input
35K PD
GPIO_AD_14
N14
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO13
Input
35K PD
GPIO_AD_15
M14
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO14
Input
35K PD
GPIO_AD_16
N17
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO15
Input
35K PD
GPIO_AD_17
N15
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO16
Input
35K PD
GPIO_AD_18
M16
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO17
Input
35K PU
GPIO_AD_19
L16
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO18
Input
35K PD
GPIO_AD_20
K13
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO19
Input
35K PD
GPIO_AD_21
K14
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO20
Input
35K PD
GPIO_AD_22
K12
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO21
Input
35K PD
GPIO_AD_23
J12
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO22
Input
35K PD
GPIO_AD_24
L13
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO23
Input
35K PD
GPIO_AD_25
M15
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO24
Input
35K PD
GPIO_AD_26
L14
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO25
Input
35K PU
GPIO_AD_27
N16
NVCC_GPIO
Digital
GPIO
ALT 5
GPIO_MUX3_IO26
Input
35K PU
Table 112. 14 x 14 mm functional contact assignment (continued)
Ball name
14 x 14
ball
Power group
Ball
Types
Default setting
Default
modes
Default function
Input/
output
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com