Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 115Page - STMicroelectronics ST20-GP6 Datasheet HTML 116Page - STMicroelectronics ST20-GP6 Datasheet HTML 117Page - STMicroelectronics ST20-GP6 Datasheet HTML 118Page - STMicroelectronics ST20-GP6 Datasheet HTML 119Page - STMicroelectronics ST20-GP6 Datasheet HTML 120Page - STMicroelectronics ST20-GP6 Datasheet HTML 121Page - STMicroelectronics ST20-GP6 Datasheet HTML 122Page - STMicroelectronics ST20-GP6 Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 123 page
background image
ST20-GP6
121/123
23 Test access port
The ST20-GP6 Test Access Port (TAP) conforms to IEEE standard 1149.1.
The TAP consists of five pins:
TMS, TCK, TDI, TDO and notTRST.
The instruction register is 5 bits long, with no parity, and the pattern “00001” is loaded into the reg-
ister during the
Capture-IR state.
There are four defined public instructions, see Table 23.1. All other instruction codes are reserved.
There are three test data registers;
Bypass, Boundary-Scan and Identification. These registers
operate according to 1149.1. The
Boundary-Scan register is not supported on the ST20-GP6.
Instruction codea
a. MSB ... LSB; LSB closest to
TDO.
Instruction
Selected register
0
0
0
0
0
EXTEST
Boundary-Scan
0
0
0
1
0
IDCODE
Identification
0
0
0
1
1
SAMPLE/PRELOAD
Boundary-Scan
1
1
1
1
1
BYPASS
Bypass
Table 23.1 Instruction codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com