Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 112Page - STMicroelectronics ST20-GP6 Datasheet HTML 113Page - STMicroelectronics ST20-GP6 Datasheet HTML 114Page - STMicroelectronics ST20-GP6 Datasheet HTML 115Page - STMicroelectronics ST20-GP6 Datasheet HTML 116Page - STMicroelectronics ST20-GP6 Datasheet HTML 117Page - STMicroelectronics ST20-GP6 Datasheet HTML 118Page - STMicroelectronics ST20-GP6 Datasheet HTML 119Page - STMicroelectronics ST20-GP6 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 123 page
background image
ST20-GP6
116/123
22 Package specifications
The ST20-GP6 is available in a 100 pin plastic quad flat pack (PQFP) package.
22.1 ST20-GP6 package pinout
Pin
Pin name
I/O
1
PIO1<0>
I/O
2
PIO1<1>
I/O
3
PIO1<2>
I/O
4
PIO1<3>
I/O
5
PIO1<4>
I/O
6
VDD
7
PIO1<5>
I/O
8
PIO1<6>
I/O
9
PIO1<7>
I/O
10
GND
11
SpeedSelect1
I
12
SpeedSelect0
I
13
WdEnable
I
14
notWdReset
O
15
LowPowerStatus
O
16
RTCVDD
17
LowPowerClockOsc
I/O
18
LowPowerClockIn
I/O
19
notRST
I
20
ConnectToGND
I
21
BusWidth
I
22
notMemCE<0>
O
23
VDD
24
notMemCE<1>
O
25
notMemCE<2>
O
26
notMemCE<3>
O
27
GND
28
notMemOE
O
29
memReadnotWrite
O
30
memWait
I
Table 22.1 ST20-GP6 package pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com